Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet (PDF) - Microchip Technology

Part # LR645
Description  Accepts inputs from 15 to 450V
File Size   439.44 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Datasheet (PDF) - Microchip Technology



Similar Part No. - LR645

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR645 SUTEX-LR645 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
logo
Microchip Technology
LR645 MICROCHIP-LR645 Datasheet
816Kb / 24P
High-Input Voltage SMPS, Start-up/Linear Regulator
Revision:B October 2023
logo
Supertex, Inc
LR645LG SUTEX-LR645LG Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR645LG SUTEX-LR645LG Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
More results


Similar Description - LR645

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2299N ROHM-2SK2299N Datasheet
152Kb / 5P
Switching (450V, 7A)
2SK2713 ROHM-2SK2713 Datasheet
153Kb / 5P
Switching (450V, 5A)
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
450V N-Channel MOSFET
logo
NTE Electronics
NEVH47M160 NTE-NEVH47M160 Datasheet
23Kb / 2P
ALUMINUM ELECTROLYTIC 160V to 450V
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
450V LED controller
logo
XP Power Limited
VCP05US05 XPPOWER-VCP05US05_13 Datasheet
368Kb / 2P
Low Cost, Universal AC Input, Output Voltage from 5 to 15 V
logo
IK Semicon Co., Ltd
IL9910-A IKSEMICON-IL9910-A Datasheet
638Kb / 11P
8V to 450V input range
logo
Pasternack Enterprises,...
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
logo
ELM Electronics
ELM916DA ELM-ELM916DA Datasheet
597Kb / 6P
450V LED controller
logo
Supertex, Inc
HV7802 SUTEX-HV7802_13 Datasheet
536Kb / 5P
High Side Current Monitor 8V to 450V Configurable Output
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com