Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet(PDF) 5 Page - Microchip Technology

Part # LR645
Description  Accepts inputs from 15 to 450V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Datasheet(HTML) 5 Page - Microchip Technology

  LR645 Datasheet HTML 1Page - Microchip Technology LR645 Datasheet HTML 2Page - Microchip Technology LR645 Datasheet HTML 3Page - Microchip Technology LR645 Datasheet HTML 4Page - Microchip Technology LR645 Datasheet HTML 5Page - Microchip Technology LR645 Datasheet HTML 6Page - Microchip Technology LR645 Datasheet HTML 7Page - Microchip Technology LR645 Datasheet HTML 8Page - Microchip Technology LR645 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2015 Microchip Technology Inc.
DS20005384A-page 5
LR645
3.0
FUNCTIONAL DESCRIPTION
3.1
SMPS Start-Up Circuit
One of the main applications for LR645 is a start-up cir-
cuit for off-line, switch-mode power supplies (SMPS),
as shown in Figure 3-1. A minimum output capacitance
of 10 nF is recommended for stability. The wide operat-
ing, input voltage range of LR645 allows the SMPS to
operate and start-up from rectified AC, or a DC voltage
of 15 to 450V, without adjustment.
During start-up, the LR645 powers the VCC line of the
Pulse-Width Modulation (PWM) IC with a nominal out-
put voltage of 10V. The auxiliary voltage connected
through a diode to the VOUT pin of LR645 will start to
increase. When the auxiliary voltage becomes larger
than the output voltage LR645 turns OFF both its inter-
nal high voltage input line and output voltage, allowing
the auxiliary voltage to power the VCC line of the PWM
IC. After startup, LR645 doesn’t draw any input current
from the high-voltage line other than the leakage cur-
rent of the internal MOSFET switch, which is typically
0.1µA.
The 3-terminal version shown in Figure 3-1 has load
regulation guaranteed from 0 to 3.0mA at a fixed nom-
inal output voltage of 10V. Applications requiring higher
output current and/or a different output voltage can use
the 8 pin adjustable version.
FIGURE 3-1:
SMPS START-UP CIRCUIT
3.2
High-Current SMPS Start-Up
Circuit
The 8-lead version of LR645 has connections for an
external depletion-mode MOSFET for higher-output
current and external resistors for adjustable-output
voltage. As shown in Figure 3-2, the output current is
increased to 150mA by using the DN2540, a 400V
depletion-mode MOSFET. The maximum operating
input voltage will be limited by the drain-to-source,
breakdown voltage of the external MOSFET, but can-
not exceed the 450V rating of LR645.
The output voltage can be adjusted from 8 to 12V with
two external resistors: R1 and R2. The ratio of R2/R1
determines the output voltage. R2 is connected
between the VOUT and TRIM pins; R1 is connected
between TRIM and GND pins. Figure 3-3 is a curve
showing output voltage versus resistor ratio R2/R1.
The optimum range for R1 + R2 is 200KΩ to 300KΩ.
This minimizes loading and optimizes accuracy of the
output voltage. Figure 3-3 uses an R1 + R2 of 250KΩ.
FIGURE 3-2:
HIGH-CURRENT SMPS START-UP CIRCUIT
+
15 - 450V
-
+
5.0V
-
VAUX = 12V
COUT
CIN
VCC
PWM IC
LR6
GND
VIN
R2
R1
+
15V
to
400V
–
+
5.0V
–
DN2540
COUT
CIN
VCC
V
AUX = 12V
Note:
When used with the DN25, +V
IN is not connected on the LR6.
PWM IC
LR645
VOUT
GND
GATE
TRIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com