Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet(PDF) 1 Page - Microchip Technology

Part # LR645
Description  Accepts inputs from 15 to 450V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Datasheet(HTML) 1 Page - Microchip Technology

  LR645 Datasheet HTML 1Page - Microchip Technology LR645 Datasheet HTML 2Page - Microchip Technology LR645 Datasheet HTML 3Page - Microchip Technology LR645 Datasheet HTML 4Page - Microchip Technology LR645 Datasheet HTML 5Page - Microchip Technology LR645 Datasheet HTML 6Page - Microchip Technology LR645 Datasheet HTML 7Page - Microchip Technology LR645 Datasheet HTML 8Page - Microchip Technology LR645 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2015 Microchip Technology Inc.
DS20005384A-page 1
LR645
Features
• Accepts inputs from 15 to 450V
• Output currents: up to 3.0mA continuous, 30mA
peak
• Supply current typically 50µA
• Line regulation typically 0.1mV/V
• Output can be trimmed from 8.0 to 12V
• Output current can be increased to 150mA with
external FET
Applications
• Off-line SMPS startup circuits (pulse loads)
• Low power off-line regulators
• Regulators for noisy inputs
Description
LR645 is a high-input voltage, low-output current, linear
regulator that is available in two versions. A 3-terminal,
fixed-output voltage version is available in TO-92, TO-
220 and SOT-89 packages, as well as an adjustable
voltage version available in an 8-lead SOIC package.
The 3-terminal version of LR645 functions like any
other low-voltage, 3-terminal regulator except it allows
the use of much higher-input voltages. When used in a
Switched-mode Power Supply (SMPS), start-up circuit,
LR645 eliminates the need for large power resistors. In
this application, current is drawn from the high voltage
line only during start-up. Only leakage current flows
after start-up, thereby reducing the continuous power
dissipation to a few milliwatts.
The adjustable-voltage version allows trimming of the
output voltage from 8.0 to 12V. This version can also be
connected to an external depletion mode metal–oxide–
semiconductor field-effect transistor (MOSFET) for
increased output current. When used in conjunction
with depletion mode MOSFET DN2540N5, an output
current of up to 150mA is achieved.
WARNING
The LR645 does NOT provide galvanic isolation. When operated from an AC line, potentially lethal voltages can be
present on the IC. Adequate means of protecting the end user from such voltages must be provided by the circuit
developer.
High-Input Voltage SMPS, Start-up/Linear Regulator


Similar Part No. - LR645

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR645 SUTEX-LR645 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
logo
Microchip Technology
LR645 MICROCHIP-LR645 Datasheet
816Kb / 24P
High-Input Voltage SMPS, Start-up/Linear Regulator
Revision:B October 2023
logo
Supertex, Inc
LR645LG SUTEX-LR645LG Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR645LG SUTEX-LR645LG Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
More results

Similar Description - LR645

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2299N ROHM-2SK2299N Datasheet
152Kb / 5P
Switching (450V, 7A)
2SK2713 ROHM-2SK2713 Datasheet
153Kb / 5P
Switching (450V, 5A)
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
450V N-Channel MOSFET
logo
NTE Electronics
NEVH47M160 NTE-NEVH47M160 Datasheet
23Kb / 2P
ALUMINUM ELECTROLYTIC 160V to 450V
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
450V LED controller
logo
XP Power Limited
VCP05US05 XPPOWER-VCP05US05_13 Datasheet
368Kb / 2P
Low Cost, Universal AC Input, Output Voltage from 5 to 15 V
logo
IK Semicon Co., Ltd
IL9910-A IKSEMICON-IL9910-A Datasheet
638Kb / 11P
8V to 450V input range
logo
Pasternack Enterprises,...
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
logo
ELM Electronics
ELM916DA ELM-ELM916DA Datasheet
597Kb / 6P
450V LED controller
logo
Supertex, Inc
HV7802 SUTEX-HV7802_13 Datasheet
536Kb / 5P
High Side Current Monitor 8V to 450V Configurable Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com