Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet(PDF) 11 Page - Microchip Technology

Part # LR645
Description  Accepts inputs from 15 to 450V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Datasheet(HTML) 11 Page - Microchip Technology

Back Button LR645 Datasheet HTML 7Page - Microchip Technology LR645 Datasheet HTML 8Page - Microchip Technology LR645 Datasheet HTML 9Page - Microchip Technology LR645 Datasheet HTML 10Page - Microchip Technology LR645 Datasheet HTML 11Page - Microchip Technology LR645 Datasheet HTML 12Page - Microchip Technology LR645 Datasheet HTML 13Page - Microchip Technology LR645 Datasheet HTML 14Page - Microchip Technology LR645 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
 2015 Microchip Technology Inc.
DS20005384A-page 11
LR645
3-Lead TO-220 Package Outline (N5)
Symbol
A
A1
A2
b
b2
c
D
D1
D2
E
E1
E2
e
H1
L
L1
Q
P
Dimen-
sion
(inches)
MIN
.140
.020
.080
.015
.045
.012†
.560
.326†
.474†
.380
.270
0.20*
.100
BSC
.230
.500
.200*
.100
.139
NOM
-
-
-
.027
.057
-
-
-
-
-
-
-
-
-
-
-
-
MAX
.190
.055
.120†
.040
.070
.024
.650
.361†
.507
.420
.350
.030
.270
.580
.250
.135
.161
JEDEC Registration TO-220, Variation AB, Issue K, April 2002.
Drawings not to scale.
L
A2
A
e
View
B
12
3
D
D1
Q
4
E2
E
ΦP
Seating
Plane
A1
A
A
Chamfer
Optional
H1
E
D2
Thermal
Pad
Front View
Side View
View A - A
L1
b
b2
1
2
3
E1
View B
c
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com