Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet(PDF) 10 Page - Microchip Technology

Part # LR645
Description  Accepts inputs from 15 to 450V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Datasheet(HTML) 10 Page - Microchip Technology

Back Button LR645 Datasheet HTML 6Page - Microchip Technology LR645 Datasheet HTML 7Page - Microchip Technology LR645 Datasheet HTML 8Page - Microchip Technology LR645 Datasheet HTML 9Page - Microchip Technology LR645 Datasheet HTML 10Page - Microchip Technology LR645 Datasheet HTML 11Page - Microchip Technology LR645 Datasheet HTML 12Page - Microchip Technology LR645 Datasheet HTML 13Page - Microchip Technology LR645 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LR645
DS20005384A-page 10
 2015 Microchip Technology Inc.
3-Lead TO-243AA (SOT-89) Package Outline (N8)
Symbol
A
b
b1
C
D
D1
E
E1
e
e1
H
L
Dimensions
(mm)
MIN
1.40
0.44
0.36
0.35
4.40
1.62
2.29
2.00†
1.50
BSC
3.00
BSC
3.94
0.73†
NOM
--------
--
MAX
1.60
0.56
0.48
0.44
4.60
1.83
2.60
2.29
4.25
1.20
JEDEC Registration TO-243, Variation AA, Issue C, July 1986.
† This dimension differs from the JEDEC drawing
Drawings not to scale.
b
b1
D
D1
E H
E1
C
A
12
3
e
e1
Top View
Side View
L
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com