Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet(PDF) 4 Page - Microchip Technology

Part # LR645
Description  Accepts inputs from 15 to 450V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Datasheet(HTML) 4 Page - Microchip Technology

  LR645 Datasheet HTML 1Page - Microchip Technology LR645 Datasheet HTML 2Page - Microchip Technology LR645 Datasheet HTML 3Page - Microchip Technology LR645 Datasheet HTML 4Page - Microchip Technology LR645 Datasheet HTML 5Page - Microchip Technology LR645 Datasheet HTML 6Page - Microchip Technology LR645 Datasheet HTML 7Page - Microchip Technology LR645 Datasheet HTML 8Page - Microchip Technology LR645 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LR645
DS20005384A-page 4
 2015 Microchip Technology Inc.
2.0
PIN DESCRIPTION
The locations of the pins are listed in Package Type.
TABLE 2-1:
PIN DESCRIPTION
Function
Description
VIN
Regulator input. 8 - 450V.
GND
Ground return for all internal circuitry. This pin must be electrically connected to circuit common.
GATE
Output GATE driver for an external N-channel depletion.
TRIM
A voltage divider from VOUT to this pin adjusts the output voltage.
VOUT
Regulator output.
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com