Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet(PDF) 14 Page - Microchip Technology

Part # LR645
Description  Accepts inputs from 15 to 450V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Datasheet(HTML) 14 Page - Microchip Technology

Back Button LR645 Datasheet HTML 8Page - Microchip Technology LR645 Datasheet HTML 9Page - Microchip Technology LR645 Datasheet HTML 10Page - Microchip Technology LR645 Datasheet HTML 11Page - Microchip Technology LR645 Datasheet HTML 12Page - Microchip Technology LR645 Datasheet HTML 13Page - Microchip Technology LR645 Datasheet HTML 14Page - Microchip Technology LR645 Datasheet HTML 15Page - Microchip Technology LR645 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LR645
DS20005384A-page 14
 2015 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
LR645
= High-Input, Voltage SMPS, Start-up/Linear
Regulator
Package:
LG
= 8-lead SOIC (adjustable voltage)
N3
= TO-92 (fixed voltage)
N5
= TO-220(fixed voltage)
N8
= TO-243AA (SOT-89) (fixed voltage)
Environmental
G
= Lead (Pb)-free/ROHS-compliant package
Media Type:
(blank) = 3300/Reel for LG packages
= 1000/Bag for N3 packages
= 50/Tube for TO-220 packages
= 2000/Reel for TO-243AA packages
P003
= 2000/Reel for N3 package
P013
= 2000/Ammo Pack for N3 package
Examples:
a)
LR645LG-G:
8-lead SOIC package,
3300/reel.
b)
LR645N3-G
TO-92 package,
1000/bag
c)
LR645N3-G-P003:
TO-92 package,
2000/reel.
d)
LR645N3-G-P013:
TO-92 package,
2000/ammo pack.
e)
LR645N5-G
TO-220 package,
50/tube
f)
LR645N8-G
TO-243AA package,
2000/reel
PART NO.
X
Device
X
Environmental
XX
Package
Options
Media
-
-
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com