Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1664 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1664
Description  MCP1664 LED Driver Evaluation Board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1664 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1664 Datasheet HTML 7Page - Microchip Technology MCP1664 Datasheet HTML 8Page - Microchip Technology MCP1664 Datasheet HTML 9Page - Microchip Technology MCP1664 Datasheet HTML 10Page - Microchip Technology MCP1664 Datasheet HTML 11Page - Microchip Technology MCP1664 Datasheet HTML 12Page - Microchip Technology MCP1664 Datasheet HTML 13Page - Microchip Technology MCP1664 Datasheet HTML 14Page - Microchip Technology MCP1664 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2015 Microchip Technology Inc.
DS50002363A-page 11
MCP1664 LED DRIVER
EVALUATION BOARD
USER’S GUIDE
Chapter 1. Product Overview
1.1
INTRODUCTION
This chapter provides an overview of the MCP1664 LED Driver Evaluation Board and
covers the following topics:
• MCP1664 Short Overview
• What is the MCP1664 LED Driver Evaluation Board?
• Contents of the MCP1664 LED Driver Evaluation Board
1.2
MCP1664 SHORT OVERVIEW
The MCP1664 is a compact, battery-operated, fixed-frequency, step-up DC-DC
converter optimized as LED constant current generator. This product provides an
easy-to-use power supply solution with a minimum number of external components for
applications powered by two-cell or three-cell alkaline, NiCd or NiMH batteries, one-cell
Li-Ion or Li-Polymer batteries.
The MCP1664 is a PWM-only device that operates at a fixed 500 kHz switching
frequency. The device has an operating input voltage range from 2.4V to 5.5V (with an
undervoltage of 2.3V to start and 1.85V to stop). The reference voltage is only 300 mV
in order to minimize the losses on the sense resistor and to increase the overall
efficiency of the application.
The LED can be turned on and off with a variable duty cycle applied to the EN pin for
applications that require current dimming. Compared to its counterpart, the MCP1663
which is designed to be a voltage source, the start-up time for the MCP1664 has been
decreased in order to obtain better performance in dimming applications.
The MCP1664 can supply up to 200 mA of current for a string of four LEDs
(considering a LED Forward Voltage of 3V) from a 3V or higher input voltage source.
More detailed information regarding the current capabilities of the MCP1664 are
available in the data sheet.
In order to provide a compact solution, the device is available in a small 5-Lead SOT-23
and an 8-Lead 2x3 TDFN package.
FIGURE 1-1:
Typical MCP1664 LED Driver in Boost Topology Schematic
VIN
GND
VFB
SW
EN
ON
OFF
CIN
4.7 - 20 µF
L
4.7 µH
RSET
ILED =
0.3V
RSET
VIN = 2.4V - 5.5V
COUT
MCP1664
4.7 - 20 µF
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com