Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1664 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1664
Description  MCP1664 LED Driver Evaluation Board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1664 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1664 Datasheet HTML 10Page - Microchip Technology MCP1664 Datasheet HTML 11Page - Microchip Technology MCP1664 Datasheet HTML 12Page - Microchip Technology MCP1664 Datasheet HTML 13Page - Microchip Technology MCP1664 Datasheet HTML 14Page - Microchip Technology MCP1664 Datasheet HTML 15Page - Microchip Technology MCP1664 Datasheet HTML 16Page - Microchip Technology MCP1664 Datasheet HTML 17Page - Microchip Technology MCP1664 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MCP1664 LED Driver Evaluation Board
DS50002363A-page 14
 2015 Microchip Technology Inc.
2.3
GETTING STARTED
The MCP1664 LED Driver Evaluation Board is fully assembled and tested to evaluate and
demonstrate the MCP1664 product. This board requires the use of external lab supplies.
2.3.1
Power Input and Output Connection
2.3.1.1
POWERING THE MCP1664 LED DRIVER EVALUATION BOARD
Soldered test points are available for input voltage connections. The maximum input
voltage should not exceed 5.5V.
The MCP1664 LED Driver Evaluation Board was designed to help the engineer in the
process of validating the device. The package selected for the MCP1664 LED Driver
Evaluation Board is the 5-Lead SOT-23.
2.3.1.2
BOARD POWER-UP PROCEDURE:
1. Connect input supply as shown in Figure 2-2.
2. Using the variable resistor, the duty cycle applied on the EN pin is modified and
PWM dimming is obtained. When turning the variable resistor from one side to
the other, a change in the brightness of the LED can be observed.
3. Change the value of the output current using the Current Select Switch. There
are three available currents: 90 mA,180 mA and 270 mA. When modifying the
value of the sense resistor, a change in the brightness of the LED can be noticed.
Additional test points are available for visualizing different signals: SW node, output
current (by removing the R3 resistor and using an ampermeter or a current probe
between the CS and VOUT test points), FB node, the triangular signal or the PWM
signal applied on the EN pin.
FIGURE 2-2:
MCP1664 LED Driver Evaluation Board Setup.
Power
Supply
-
+
PWM Dimming Block
Analog
Ampermeter or Current Probe
Dimming
(if R3 resistor is removed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com