Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1664 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1664
Description  MCP1664 LED Driver Evaluation Board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1664 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1664 Datasheet HTML 13Page - Microchip Technology MCP1664 Datasheet HTML 14Page - Microchip Technology MCP1664 Datasheet HTML 15Page - Microchip Technology MCP1664 Datasheet HTML 16Page - Microchip Technology MCP1664 Datasheet HTML 17Page - Microchip Technology MCP1664 Datasheet HTML 18Page - Microchip Technology MCP1664 Datasheet HTML 19Page - Microchip Technology MCP1664 Datasheet HTML 20Page - Microchip Technology MCP1664 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Installation and Operation
 2015 Microchip Technology Inc.
DS50002363A-page 17
The R1 and R2 resistors affect not only the operating frequency but also the amplitude
of the triangular wave. Considering the maximum voltage of the triangular waves
(VTH) and the minimum voltage of the triangular waves (VTL), the amplitude swing and
the threshold voltages can be calculated by means of the following equation:
EQUATION 2-3:
TRIANGULAR WAVE AMPLITUDE SWING
For the MCP1664 LED Driver Evaluation Board, the components were chosen so that
they feature a PWM Dimming frequency of 125 Hz and an amplitude swing from
5% VDD to 95% VDD.
FIGURE 2-5:
Obtaining the Dimming Signal - 84% Duty Cycle.
VTH VTL
–
R4
R2
------VDD
=
Where: R4 <R2
REFERENCE
VOLTAGE
DIMMING
SIGNAL
TRIANGULAR
WAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com