Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1664 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1664
Description  MCP1664 LED Driver Evaluation Board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1664 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1664 Datasheet HTML 9Page - Microchip Technology MCP1664 Datasheet HTML 10Page - Microchip Technology MCP1664 Datasheet HTML 11Page - Microchip Technology MCP1664 Datasheet HTML 12Page - Microchip Technology MCP1664 Datasheet HTML 13Page - Microchip Technology MCP1664 Datasheet HTML 14Page - Microchip Technology MCP1664 Datasheet HTML 15Page - Microchip Technology MCP1664 Datasheet HTML 16Page - Microchip Technology MCP1664 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2015 Microchip Technology Inc.
DS50002363A-page 13
MCP1664 LED DRIVER
EVALUATION BOARD
USER’S GUIDE
Chapter 2. Installation and Operation
2.1
INTRODUCTION
The MCP1664 has been developed for applications that require driving a string of
LEDs from a low-voltage source. The MCP1664 is a non-synchronous step-up
regulator that can operate over a wide output range up to 32V. Its maximum output
current is based on the switch peak current limit (set to 1.8A) and on the maximum
duty cycle of 90%. An important feature is that the device integrates the compensation
and protection circuitry so that the final solution will require a minimum number of
additional components.
FIGURE 2-1:
MCP1664 LED Driver Boost Converter 90,180,270 mA Constant Current Application.
2.2
FEATURES
The MCP1664 LED Driver Evaluation Board has the following features:
• Input voltage range, VIN: 2.4V to 5.5V, with VIN VOUT
• Undervoltage lockout: 2.3V to start; 1.85V to stop
• Adjustable output current: 90 mA, 180 mA or 270 mA, selected using a mini dip
switch on board
• PWM Switching frequency = 500 kHz
• Variable resistor and triangular wave generator on the board that can be used for
PWM dimming
• 1.8A peak current limit
• Overtemperature protection (if the die temperature exceeds +150°C, 25°C hysteresis)
• Open load protection: if the LED string fails or is disconnected, the converter will
shut down to prevent failure.
PWM Dimming
Block(1)
VIN
GND
VFB
SW
EN
CIN
2 x 10 µF
L1
4.7 µH
R10
R11
R12
3.3
3.3
3.3
2.4V - 5.5V
Note 1: For PWM Dimming Block refer to Figure 2-4.
D1
MBRA140
R3
0
Q1
Q2
COUT
10 µF
MCP1664
LED1
LED2
LED3
LED4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com