Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1664 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1664
Description  MCP1664 LED Driver Evaluation Board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1664 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1664 Datasheet HTML 12Page - Microchip Technology MCP1664 Datasheet HTML 13Page - Microchip Technology MCP1664 Datasheet HTML 14Page - Microchip Technology MCP1664 Datasheet HTML 15Page - Microchip Technology MCP1664 Datasheet HTML 16Page - Microchip Technology MCP1664 Datasheet HTML 17Page - Microchip Technology MCP1664 Datasheet HTML 18Page - Microchip Technology MCP1664 Datasheet HTML 19Page - Microchip Technology MCP1664 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MCP1664 LED Driver Evaluation Board
DS50002363A-page 16
 2015 Microchip Technology Inc.
2.3.1.4
PWM DIMMING BLOCK
The MCP1664 allows PWM dimming by turning on and off the LED with a PWM signal
applied to the EN pin. The maximum frequency for dimming is limited by the start-up
and the load. By varying the duty cycle of the PWM signal applied on the EN pin, the
LED current changes linearly.
In order to test this feature, a small variable PWM generator, created using three
operational amplifiers from a single quad-op-amp chip, was included on the board.
FIGURE 2-4:
PWM Dimming Block.
The circuit consists of a triangular wave generator which is made up of U2B
(functioning as an integrator), U2A (acting as a comparator with hysteresis) and a
comparator (U2C). U2B non-inverting input is biased at VDD/2.
A virtual connection between the inverting and non-inverting inputs allows a constant
current through R1 equal to I = VDD/(2R1) which charges the capacitor C2. This way,
the U2B integrator output increases linearly with time. When it reaches 95% VDD, the
comparator output changes to its maximum output voltage VDD.
At that point, the output voltage of the integrator decreases linearly. When it reaches
5% VDD, the comparator output voltage switches to zero and the cycle repeats. Thus,
the integrator output is a triangular wave that swings between the levels of 5% and
95% VDD.
U2C compares the triangular wave against the DC level given by the R7 variable
resistor. Its output is a square wave, with a duty cycle that varies from 0% to 100%.
The frequency of the PWM signal is determined by R1, C2, R2 and R4:
EQUATION 2-2:
PWM DIMMING FREQUENCY
4
11
3
2
1
11
4 U2A
MCP6004
4
11 U2C
MCP6004
Triangular wave output
PWM output
R5
R6
4.7 k
1.8 k
2k
R7
C6
C2
C7
C1
10 k
10 k
R1
0.1 µF
0.47 µF
R4
R2
10 k
0.1 µF
0.1 µF
VDD
VDD
6
5
MCP6004
7
U2B
VDD
VDD
VDD
9
10
8
VDD
f
R2
4R1R4C2
-------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com