Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1664 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1664
Description  MCP1664 LED Driver Evaluation Board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1664 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1664 Datasheet HTML 8Page - Microchip Technology MCP1664 Datasheet HTML 9Page - Microchip Technology MCP1664 Datasheet HTML 10Page - Microchip Technology MCP1664 Datasheet HTML 11Page - Microchip Technology MCP1664 Datasheet HTML 12Page - Microchip Technology MCP1664 Datasheet HTML 13Page - Microchip Technology MCP1664 Datasheet HTML 14Page - Microchip Technology MCP1664 Datasheet HTML 15Page - Microchip Technology MCP1664 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MCP1664 LED Driver Evaluation Board User’s Guide
DS50002363A-page 12
 2015 Microchip Technology Inc.
1.3
WHAT IS THE MCP1664 LED DRIVER EVALUATION BOARD?
The MCP1664 LED Driver Evaluation Board is used to evaluate and demonstrate
Microchip Technology’s MCP1664 product. This board demonstrates the MCP1664 in
a boost-converter application supplied from an external voltage source, which drives a
string of LEDs with three selectable currents. The MCP1664 LED Driver Evaluation
Board was developed to help engineers reduce the product design cycle time.
LEDs can be dimmed in two ways:
• Analog dimming: changes LED light output by simply adjusting the value of the
sense resistor and, by doing so, modifying the DC current in the LED string.
• Pulse-width modulation (PWM) dimming: achieves the same effect as analog
dimming by varying the duty cycle of a constant current in the string to effectively
change the average current in the string.
For analog dimming, three output currents can be selected: 90 mA,180 mA and
270 mA. The output current can be changed with a dual switch that changes the
external LED current sense equivalent resistance.
For PWM dimming, a small triangular wave generator was added to the board along
with a variable resistor that sets the duty cycle for the EN pin.
1.4
CONTENTS OF THE MCP1664 LED DRIVER EVALUATION BOARD
This MCP1664 LED Driver Evaluation Board kit includes:
• One MCP1664 LED Driver Evaluation Board unit (ADM00641)
• Important Information Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com