Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1665 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1665
Description  MCP1665 12V Output Boost Regulator Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1665 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1665 Datasheet HTML 7Page - Microchip Technology MCP1665 Datasheet HTML 8Page - Microchip Technology MCP1665 Datasheet HTML 9Page - Microchip Technology MCP1665 Datasheet HTML 10Page - Microchip Technology MCP1665 Datasheet HTML 11Page - Microchip Technology MCP1665 Datasheet HTML 12Page - Microchip Technology MCP1665 Datasheet HTML 13Page - Microchip Technology MCP1665 Datasheet HTML 14Page - Microchip Technology MCP1665 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MCP1665 12V OUTPUT BOOST
REGULATOR EVALUATION BOARD
USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002686A-page 11
Chapter 2. Installation and Operation
2.1
INTRODUCTION
MCP1665 is a non-synchronous, fixed-frequency step-up DC/DC converter that has
been developed for applications that require higher output voltage capabilities.
MCP1665 can regulate the output voltage up to 32V and can deliver up to 1A to the
load at 5V input and 12V output (see Figure 2-3).
At light loads, there are two ways the MCP1665 keeps its input current low. The first
one is SKIPPING pulses to keep the output ripple low (this happens when the MODE
pin is pulled to GND). The second one (when the MODE pin is pulled up to VIN) is the
PFM mode. This reduces the input current even further by completely stopping the
switching as long as the output voltage remains within the permitted range. It comes at
the cost of a higher output ripple, in the range of hundreds of millivolts.
The regulated output voltage (VOUT) should be at least one volt higher than the input
voltage (VIN).
Another important feature is that the device integrates the compensation and protection
circuitry, such that the final solution lowers total system cost, eases implementation and
requires a minimum number of additional components and board area.
2.1.1
MCP1665 12V Output Boost Regulator Evaluation Board
Features
The MCP1665 12V Output Boost Regulator Evaluation Board has the following
features:
• Typical 12V Output when supplied from a low-input voltage source
• Input Voltage range (VIN): 3V to 5V, with VIN VOUT -1V
• Output Current: max 1 A @ 12V Output with 5V Input
• Enabled state is selectable by using EN jumper
• Light-load power saving method is selectable by toggling the MODE switch
• Undervoltage Lockout (UVLO)
- UVLO Start: 2.9V
- UVLO Stop: 2.7V
• PWM/PFM Operation
• PWM Switching Frequency: 500 kHz
• Peak Input Current Limit of 3.6A (typical)
• Internal Compensation, so no compensation network is needed on the board
• Soft Start
• Protection in case of feedback pin shorted to GND
• Overtemperature Protection (if the die temperature exceeds +150°C, with 15°C
hysteresis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com