Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1665 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1665
Description  MCP1665 12V Output Boost Regulator Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1665 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1665 Datasheet HTML 10Page - Microchip Technology MCP1665 Datasheet HTML 11Page - Microchip Technology MCP1665 Datasheet HTML 12Page - Microchip Technology MCP1665 Datasheet HTML 13Page - Microchip Technology MCP1665 Datasheet HTML 14Page - Microchip Technology MCP1665 Datasheet HTML 15Page - Microchip Technology MCP1665 Datasheet HTML 16Page - Microchip Technology MCP1665 Datasheet HTML 17Page - Microchip Technology MCP1665 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MCP1665 12V Output Boost Regulator Evaluation Board User’s Guide
DS50002686A-page 14
 2017 Microchip Technology Inc.
FIGURE 2-3:
MCP1665 Boost 12.0 VOUT Maximum IOUT vs. VIN with Maximum
5% Output Drop.
FIGURE 2-4:
MCP1665 12V Output Efficiency vs. IOUT.
0
200
400
600
800
1000
1200
1400
1600
2.533.544.5
5
VIN (V)
VOUT =12V
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IOUT (mA)
VOUT = 12.0V
VIN = 5V
VIN = 3.6V
MODE = VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com