Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1665 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1665
Description  MCP1665 12V Output Boost Regulator Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1665 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1665 Datasheet HTML 8Page - Microchip Technology MCP1665 Datasheet HTML 9Page - Microchip Technology MCP1665 Datasheet HTML 10Page - Microchip Technology MCP1665 Datasheet HTML 11Page - Microchip Technology MCP1665 Datasheet HTML 12Page - Microchip Technology MCP1665 Datasheet HTML 13Page - Microchip Technology MCP1665 Datasheet HTML 14Page - Microchip Technology MCP1665 Datasheet HTML 15Page - Microchip Technology MCP1665 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MCP1665 12V Output Boost Regulator Evaluation Board User’s Guide
DS50002686A-page 12
 2017 Microchip Technology Inc.
FIGURE 2-1:
MCP1665 Evaluation Board Schematic.
2.2
GETTING STARTED
The MCP1665 12V Output Boost Regulator Evaluation Board is fully assembled and
tested to evaluate and demonstrate the MCP1665 product capabilities. This board
requires the use of external laboratory supplies and load.
2.2.1
Power Input and Output Connection
2.2.1.1
POWERING THE MCP1665 12V OUTPUT BOOST REGULATOR
EVALUATION BOARD
The MCP1665 12V Output Boost Regulator Evaluation Board was designed to
evaluate the MCP1665 device.
Soldered test points and screw terminal blocks are available for the input voltage
connections and for load connections. The switch peak current limit will provide a safe
maximum current value. The maximum output current for the converter varies with
input and output voltages; refer to Figure 2-3 or the MCP1665 data sheet for more
information on the maximum output current.
2.2.1.2
BOARD POWER-UP PROCEDURE
1. Connect the input supply as shown in Figure 2-2. The input voltage should not
be higher than 5V.
2. Connect system load to VOUT and GND terminals; maximum load varies with
input and output voltage. Connect the (+) side of the load to VOUT and the
negative (–) side to ground (GND).
3. The MODE SELECT switch SW1 can be used to change between the two power
saving modes:
- PFM/PWM when the switch is in PFM position
- PWM only, when the switch is in PWM position
VIN
MODE
GND
VFB
SW
VOUT
12V
C7
10μF
C11
10μF
L1
4.7 μH
180 k
20 k
RT
RB
GND
+
-
VOUT
GND
+
-
MCP1665
40V, 2A
VIN
3V to 5V
VIN
D1
SW1
EN
JEN1
C2
1μF
C1
10μF
C3
330μF
C9
470μF
C4
10μF
C8
10μF
C5
10μF
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com