Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1665 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1665
Description  MCP1665 12V Output Boost Regulator Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1665 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1665 Datasheet HTML 13Page - Microchip Technology MCP1665 Datasheet HTML 14Page - Microchip Technology MCP1665 Datasheet HTML 15Page - Microchip Technology MCP1665 Datasheet HTML 16Page - Microchip Technology MCP1665 Datasheet HTML 17Page - Microchip Technology MCP1665 Datasheet HTML 18Page - Microchip Technology MCP1665 Datasheet HTML 19Page - Microchip Technology MCP1665 Datasheet HTML 20Page - Microchip Technology MCP1665 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Installation and Operation
 2017 Microchip Technology Inc.
DS50002686A-page 17
2.5
EXTRA INPUT CAPACITANCE
An extra capacitor place (C3) is available on the MCP1665 12V Output Boost
Regulator Evaluation Board (see Figure 2-2).
It is useful for input decoupling if, for some reason, the power supply’s impedance can
not be kept as low as needed. This includes, but is not limited to: longer wires, VIN being
derived from another power supply with a slow response, fast load, as well as stepping,
causing high-input current spikes.
If intermittent operation or a bus-pumping behavior is noticed, this should be one of the
first steps in troubleshooting. Check to see if the input voltage of the MCP1665 is
permanently above the UVLO threshold. Probing the input voltage should be done by
attaching the oscilloscope probes to the GND and VIN test points on the board.
The recommended BOM part to be soldered in the DNP position is a tantalum polymer
330 μF/10V capacitor with a low ESR.
2.6
RT SPARE RESISTORS AREA
The RT Feedback options board area contains the four spare R Top feedback resistors.
The resistor values are chosen to closely match the four output voltage options labeled
next to them (6V, 9V, 24V, 32V). These resistors should be soldered in the RT position
on the board, by replacing the 12V option resistor provided by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com