Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1665 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1665
Description  MCP1665 12V Output Boost Regulator Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1665 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1665 Datasheet HTML 12Page - Microchip Technology MCP1665 Datasheet HTML 13Page - Microchip Technology MCP1665 Datasheet HTML 14Page - Microchip Technology MCP1665 Datasheet HTML 15Page - Microchip Technology MCP1665 Datasheet HTML 16Page - Microchip Technology MCP1665 Datasheet HTML 17Page - Microchip Technology MCP1665 Datasheet HTML 18Page - Microchip Technology MCP1665 Datasheet HTML 19Page - Microchip Technology MCP1665 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MCP1665 12V Output Boost Regulator Evaluation Board User’s Guide
DS50002686A-page 16
 2017 Microchip Technology Inc.
FIGURE 2-7:
MCP1665 PFM (MODE =HIGH) to Skipping (MODE=LOW)
Transition at 12V Output 5V Input 10 mA Load.
FIGURE 2-8:
MCP1665 Skipping (MODE=LOW) to PFM (MODE =HIGH)
Transition at 12V Output 5V Input 10 mA Load.
2.4
BATTERY CONSIDERATIONS
When considering the power solution for this design, select a battery carefully. The
battery should be able to sustain the boost converter’s input voltage even under the
heaviest load expected. Currents in excess of 3 amps can be drawn by the MCP1665
boost converter’s input and the power supply should be able to sustain its voltage.
Weak batteries may cause the MCP1665 input voltage to drop under the UVLO
threshold and force the converter to work intermittently. Lithium and nickel cells are
recommended. Input connections should be kept short and thick to maintain the boost
converter’s performance within the expected range.
VOUT 500 mV/div AC coupled
VSW 10V/div
IL 1A/div
2 ms/div
MODE pin 5V/div
VOUT 500 mV/div AC coupled
VSW 10V/div
IL 1A/div
2 ms/div
MODE pin 5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com