Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1665 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1665
Description  MCP1665 12V Output Boost Regulator Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1665 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1665 Datasheet HTML 9Page - Microchip Technology MCP1665 Datasheet HTML 10Page - Microchip Technology MCP1665 Datasheet HTML 11Page - Microchip Technology MCP1665 Datasheet HTML 12Page - Microchip Technology MCP1665 Datasheet HTML 13Page - Microchip Technology MCP1665 Datasheet HTML 14Page - Microchip Technology MCP1665 Datasheet HTML 15Page - Microchip Technology MCP1665 Datasheet HTML 16Page - Microchip Technology MCP1665 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Installation and Operation
 2017 Microchip Technology Inc.
DS50002686A-page 13
FIGURE 2-2:
MCP1665 12V Output Boost Regulator Evaluation Board Setup.
2.2.1.3
ADJUSTABLE VOUT SETTING
The top circuit comes with the output voltage set to 12V. If a different output is desired,
recalculate the resistor divider (RT1 and RB1) using Equation 2-1.
Note that VIN must be lower than VOUT by at least 1 volt.
EQUATION 2-1:
For output voltages higher than 15V, the inductor value should be increased. See
Table 2-1 for more information.
2.3
TEST RESULTS FOR TYPICAL APPLICATION USING MCP1665
2.3.1
Test Results for MCP1665
This chapter provides specific operation waveforms and graphs. Refer to the MCP1665
Data Sheet (DS20005872A) for more information.
V-meter
-
+
POWER
SUPPLY
Electronic
Resistive
Load
or
V-meter
Extra Input
Capacitor
Place
MODE = PWM Only
MODE = PFM/PWM
RT Spare Resistors Area
Switch Node Test Point
Enable Jumper
TABLE 2-1:
RECOMMENDED RESISTOR DIVIDER AND INDUCTOR VALUES
VOUT
Inductor Value
RT
RB
6.0V
4.7 μH
80.6 kΩ
20 kΩ
9.0V
4.7 μH
130 kΩ
20 kΩ
12V
4.7 μH
180 kΩ
20 kΩ
24V
10 μH
383 kΩ
20 kΩ
32V
10 μH
513 kΩ
20 kΩ
RT
RB
V OUT
V FB
--------------

 1
–
=
Where
: VFB = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com