Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1941 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1941
Description  Triple Monolithic Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941 Datasheet(HTML) 1 Page - Linear Technology

  LT1941 Datasheet HTML 1Page - Linear Technology LT1941 Datasheet HTML 2Page - Linear Technology LT1941 Datasheet HTML 3Page - Linear Technology LT1941 Datasheet HTML 4Page - Linear Technology LT1941 Datasheet HTML 5Page - Linear Technology LT1941 Datasheet HTML 6Page - Linear Technology LT1941 Datasheet HTML 7Page - Linear Technology LT1941 Datasheet HTML 8Page - Linear Technology LT1941 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LT1941
1941f
Triple Monolithic
Switching Regulator
s
Wide Input Range: 3.5V to 25V
s
Three Switching Regulators with Internal Power
Switches: 3A Step-Down, 2A Step-Down,
1.5A Inverting/Boost
s
Antiphase Switching Reduces Ripple
s
Independent Shutdown/Soft-Start Pins
s
Independent Power Good Indicators Ease Supply
Sequencing
s
Input Voltage Power Good Indicators Monitor Input
Supply
s
Uses Small Inductors and Ceramic Capacitors
s
Constant 1.1MHz Switching Frequency
s
Thermally Enhanced 28-Lead TSSOP Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Cable Modems
s
DSL Modems
s
Distributed Power Regulation
s
Wall Transformer Regulation
s
Disk Drives
s
DSP Power
The LT
®1941 is a triple current mode DC/DC converter
with internal power switches. Two of the regulators are
step-down converters with 3A and 2A power switches.
The third regulator can be configured as a boost, inverter
or SEPIC converter and has a 1.5A power switch. All three
converters are synchronized to a 1.1MHz oscillator. The
two step-down converters run with opposite phases,
reducing input ripple current. The output voltages are set
with external resistor dividers and each regulator has
independent shutdown and soft-start circuits. Each regu-
lator generates a power good signal when its output is in
regulation, easing power supply sequencing and interfac-
ing with microcontrollers and DSPs.
The high switching frequency offers several advantages
by permitting the use of small inductors and ceramic
capacitors. Small inductors and capacitors lead to a very
small triple output solution. The constant switching fre-
quency, combined with low impedance ceramic capaci-
tors, result in low, predictable output ripple. With its wide
input voltage range of 3.5V to 25V, the LT1941 regulates
a broad array of power sources from 4-cell batteries and
5V logic rails to unregulated wall transformers, lead acid
batteries and distributed-power supplies.
Figure 1. Triple Output Power Supply: 3.3V, 1.8V, –12V
RUN/SS
2V/DIV
VOUT1
2V/DIV
VOUT2
5V/DIV
VOUT3
10V/DIV
IVIN(AVE)
1A/DIV
PGOOD2
5V/DIV
1941 F01b
Start-Up Waveforms
with Sequencing
VOUT2
VOUT1
LT1941
GND
0.22
µF
22
µF
1000pF
1.5nF
1.5nF
3300pF
13.7k
133k
2.49k
10k
VIN
4.7V TO 14V
5GOOD
12GOOD
VOUT1
1.8V
2.4A
VOUT3*
–12V
350mA
3.3
µH
3
µH
22
µH
22
µH
10.7k
13.7k
7.32k
3.3k
1.5k
1941 F01
130k
100k
100k
100k
100k
PGOOD1
PGOOD2
PGOOD3
VOUT2
3.3V
1.4A
0.22
µF
33
µF
1
µF
10
µF
*240mA AT VIN = 5V, 550mA AT VIN = 12V
10
µF
22nF
PGOOD1
PGOOD2
PGOOD3
BOOST2
SW2
FB2
VC2
SW1
FB1
VC1
RUNSS2
BIAS1
BIAS2
VC3
RUNSS3
RUNSS1
SW3
NFB
FB3
5GOOD
12GOOD
BOOST1
1.5nF
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1941

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT1941-81 ETC-LT1941-81 Datasheet
455Kb / 1P
SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
LT1941R-81 ETC-LT1941R-81 Datasheet
455Kb / 1P
SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
logo
Linear Technology
LT1941 LINER-LT1941_15 Datasheet
236Kb / 24P
Triple Monolithic Switching Regulator
More results

Similar Description - LT1941

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3507 LINER-LT3507 Datasheet
341Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
Triple Output Step-Down Switching Regulator
logo
Linear Dimensions Semic...
LT3507EUHFTRPBF LINEAR_DIMENSIONS-LT3507EUHFTRPBF Datasheet
307Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Linear Integrated Syste...
LT3507EUHF LINEAR-LT3507EUHF Datasheet
280Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Allegro MicroSystems
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
Triple Output Step-Down Switching Regulator
logo
Linear Technology
LT1941 LINER-LT1941_15 Datasheet
236Kb / 24P
Triple Monolithic Switching Regulator
LT3507A LINER-LT3507A_15 Datasheet
381Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
LT3507 LINER-LT3507_15 Datasheet
307Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
Triple Monolithic Step-Down Regulator with LDO
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
42V Triple Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com