Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1941 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1941
Description  Triple Monolithic Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941 Datasheet(HTML) 3 Page - Linear Technology

  LT1941 Datasheet HTML 1Page - Linear Technology LT1941 Datasheet HTML 2Page - Linear Technology LT1941 Datasheet HTML 3Page - Linear Technology LT1941 Datasheet HTML 4Page - Linear Technology LT1941 Datasheet HTML 5Page - Linear Technology LT1941 Datasheet HTML 6Page - Linear Technology LT1941 Datasheet HTML 7Page - Linear Technology LT1941 Datasheet HTML 8Page - Linear Technology LT1941 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LT1941
1941f
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN, VBIAS1, VBIAS2 = 5V, VBOOST1, VBOOST2 = 8V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
12GOOD Voltage Output Low
I12GOOD = 125µA
0.2
0.4
V
12GOOD Leakage
V12GOOD = 2V, VIN = 12V
10
400
nA
PGOOD Voltage Output Low
IPGOOD = 200µA
0.2
0.4
V
PGOOD Pin Leakage
VPGOOD = 2V
10
400
nA
3A Step-Down
FB1 Voltage
618
628
638
mV
q
613
638
mV
FB1 Pin Bias Current
q
50
500
nA
PGOOD1 Threshold Offset
VFB Rising
54
mV
Frequency Shift Threshold on FB1
0.35
V
Error Amplifier Transconductance
1700
µMhos
Error Amplifier Voltage Gain
500
V/V
VC Switching Threshold
0.9
V
VC1 to Switch Current Gain
5A/V
Switch 1 Current Limit (Note 3)
VIN = 12V, VBOOST1, VBOOST2 = 15V
q
3
4.3
6
A
Switch 1 VCESAT (Note 7)
ISW = 2.5A
400
600
mV
BOOST1 Pin Current
ISW = 2.5A
40
60
mA
Switch 1 Leakage Current
0.01
10
µA
Minimum Boost Voltage Above Switch (Note 4)
1.8
2.5
V
Maximum Duty Cycle
q
78
88
%
2A Step-Down
FB2 Voltage
618
628
638
mV
q
613
638
mV
FB2 Pin Bias Current
q
50
500
nA
PGOOD2 Threshold Offset
VFB Rising
54
mV
Frequency Shift Threshold on FB2
0.35
V
Error Amplifier Transconductance
1700
µMhos
Error Amplifier Voltage Gain
500
V/V
VC Switching Threshold
0.9
V
VC2 to Switch Current Gain
3.6
A/V
Switch 2 Current Limit (Note 3)
VIN = 12V, VBOOST1, VBOOST2 = 15V
q
2
2.9
4.1
A
Switch 2 VCESAT (Note 7)
ISW = 1.5A
450
600
mV
BOOST2 Pin Current
ISW = 1.5A
26
40
mA
Switch 2 Leakage Current
0.01
10
µA
Minimum Boost Voltage Above Switch (Note 4)
1.8
2.5
V
Maximum Duty Cycle
q
78
88
%
1.5A Inverting/Boost
FB3 Voltage
1.23
1.25
1.27
V
q
1.22
1.27
V
FB3 Pin Bias Current
q
800
1400
nA
NFB Voltage
q
–15
0
15
mV
NFB Pin Bias Current
q
60
500
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com