Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1941 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1941
Description  Triple Monolithic Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941 Datasheet(HTML) 4 Page - Linear Technology

  LT1941 Datasheet HTML 1Page - Linear Technology LT1941 Datasheet HTML 2Page - Linear Technology LT1941 Datasheet HTML 3Page - Linear Technology LT1941 Datasheet HTML 4Page - Linear Technology LT1941 Datasheet HTML 5Page - Linear Technology LT1941 Datasheet HTML 6Page - Linear Technology LT1941 Datasheet HTML 7Page - Linear Technology LT1941 Datasheet HTML 8Page - Linear Technology LT1941 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LT1941
1941f
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN, VBIAS1, VBIAS2 = 5V, VBOOST1, VBOOST2 = 8V, unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NFB4 Voltage (VFB4-VNVB4)
1.212
1.24
1.258
V
q
1.205
1.260
V
FB3 Pin Output Current
VFB3 = 1.35V, VNFB = –0.1V
q
150
350
µA
PGOOD3 Threshold Offset
VFB Rising
120
mV
Error Amplifier Transconductance
800
µMhos
Error Amplifier Voltage Gain
150
V/V
VC Switching Threshold
1.1
V
VC3 to Switch Current Gain
5
A/V
Frequency Shift Threshold on FB3
0.65
V
Switch 3 Current Limit (Note 5)
q
1.5
2
2.9
A
Switch 3 VCESAT
ISW = 1A
240
320
mV
BIAS2 Pin Current
ISW = 1A
30
45
mA
Switch 3 Leakage Current
0.01
10
µA
Maximum Duty Cycle
q
77
86
%
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1941E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current limit is guaranteed by design and/or correlation to static
test. Slope compensation reduces current limit at higher duty cycles.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 5: Current limit is guaranteed by design and/or correlation to static
test.
Note 6: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 7: Guaranteed by design, not 100% tested.
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency, VOUT1 = 1.8V
LOAD CURRENT (A)
0
70
80
2
1941 G01
60
50
0.5
1
1.5
2.5
90
VIN = 5V
TA = 25°C
Efficiency, VOUT2 = 3.3V
Efficiency, VOUT3 = –12V
LOAD CURRENT (A)
0
50
60
70
80
90
0.25
0.5
0.75
1
1941 G07
1.25
1.5
VIN = 5V
TA = 25°C
LOAD CURRENT (mA)
0
50
60
70
80
90
50
100
150
200
1941 G08
250
300
VIN = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com