Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1941 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1941
Description  Triple Monolithic Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1941 Datasheet HTML 15Page - Linear Technology LT1941 Datasheet HTML 16Page - Linear Technology LT1941 Datasheet HTML 17Page - Linear Technology LT1941 Datasheet HTML 18Page - Linear Technology LT1941 Datasheet HTML 19Page - Linear Technology LT1941 Datasheet HTML 20Page - Linear Technology LT1941 Datasheet HTML 21Page - Linear Technology LT1941 Datasheet HTML 22Page - Linear Technology LT1941 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LT1941
1941f
APPLICATIO S I FOR ATIO
THERMAL CONSIDERATIONS
The PCB must provide heat sinking to keep the LT1941
cool. The Exposed Pad on the bottom of the package must
be soldered to a ground plane. This ground should be tied
to other copper layers below with thermal vias; these
layers will spread the heat dissipated by the LT1941. Place
additional vias near the catch diodes. Adding more copper
to the top and bottom layers and tying this copper to the
internal planes with vias can reduce thermal resistance
further. With these steps, the thermal resistance from die
(or junction) to ambient can be reduced to
θJA = 25°C/W
or less. With 100 LFPM airflow, this resistance can fall by
another 25%. Further increases in airflow will lead to lower
thermal resistance.
Because of the large output current capability of the
LT1941, it is possible to dissipate enough heat to raise
the junction temperature beyond the absolute maximum
of 125
°C. If two of the channels are running at full output
current, the third channel may have reduced output
current capability, limited by the maximum junction
Figure 7. Subtracting the Current when the Switch is ON (a) From the Current when the Switch is OFF (b) Reveals the Path
of the High Frequency Switching Current (c) Keep This Loop Small. The Voltage on the SW and BOOST Nodes will also be
Switched; Keep these Nodes as Small as Possible. Finally, Make Sure the Circuit is Shielded with a Local Ground Plane
VIN
SW
GND
(a)
VIN
VSW
C1
D1
C2
1941 F07
L1
SW
GND
(c)
VIN
SW
GND
(b)
IC1
GND
GND
GND
VOUT1
VIN
CIN1
CIN2
L3
L4
L1
1941 F08
C7
C12
C10
C11
D1 C8
D3
PLACE VIAS UNDER GROUND PAD
TO GROUND PLANE FOR GOOD
THERMAL CONDUCTIVITY
D4
D5
D2
U1
VOUT2
VOUT3
GND
C9
Figure 8. Power Path Components and Topside Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com