Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1941 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1941
Description  Triple Monolithic Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1941 Datasheet HTML 9Page - Linear Technology LT1941 Datasheet HTML 10Page - Linear Technology LT1941 Datasheet HTML 11Page - Linear Technology LT1941 Datasheet HTML 12Page - Linear Technology LT1941 Datasheet HTML 13Page - Linear Technology LT1941 Datasheet HTML 14Page - Linear Technology LT1941 Datasheet HTML 15Page - Linear Technology LT1941 Datasheet HTML 16Page - Linear Technology LT1941 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LT1941
1941f
APPLICATIO S I FOR ATIO
Boost Pin Considerations
The capacitor and diode tied to the BOOST pin generate a
voltage that is higher than the input voltage. In most
cases, a 0.18
µF capacitor and fast switching diode (such
as the CMDSH-3 or MMSD914LT1) will work well. Fig-
ure 3 shows two ways to arrange the boost circuit. The
BOOST pin must be more than 2.5V above the SW pin for
full efficiency. For outputs of 3.3V and higher, the stan-
dard circuit (Figure 3a) is best. For outputs between 2.8V
and 3.3V, use a small Schottky diode (such as the
BAT-54). For lower output voltages, the boost diode can
be tied to the input (Figure 3b). The circuit in Figure 3a is
more efficient because the boost pin current comes from
a lower voltage source. Finally, as shown in Figure 3c, the
anode of the boost diode can be tied to another source that
is at least 3V. For example, if you are generating 3.3V and
1.8V and the 3.3V is on whenever the 1.8V is on, the 1.8V
boost diode can be connected to the 3.3V output. In any
case, be sure that the maximum voltage at the BOOST pin
is less than 35V and the voltage difference between the
BOOST and SW pins is less than 25V.
The boost circuit can also run directly from a DC voltage
that is higher than the input voltage by more than 2.5V +
VF, as in Figure 3d. The diode prevents damage to the
LT1941 in case VIN2 is held low while VIN is present. The
circuit saves several components (both BOOST pins can
be tied to D2). However, efficiency may be lower and
dissipation in the LT1941 may be higher. Also, if VIN2 is
absent the LT1941 will still attempt to regulate the output,
but will do so with low efficiency and high dissipation
because the switch will not be able to saturate, dropping
1.5 to 2V in conduction.
The minimum operating voltage of an LT1941 application
is limited by the undervoltage lockout (3.5V) and by the
maximum duty cycle. The boost circuit also limits the
minimum input voltage for proper start-up. If the input
voltage ramps slowly, or the LT1941 turns on when the
output is already in regulation, the boost capacitor may not
be fully charged. Because the boost capacitor charges
with the energy stored in the inductor, the circuit will rely
on some minimum load current to get the boost circuit
running properly. This minimum load will depend on input
and output voltages, and on the arrangement of the boost
circuit. The minimum load current generally goes to zero
once the circuit has started. Even without an output load
current, in many cases the discharged output capacitor
will present a load to the switcher that will allow it to start.
Figure 3. Generating the Boost Voltage
VIN
BOOST
GND
SW
VIN
LT1941
(3a)
D2
VOUT
C3
VBOOST – VSW ≅ VOUT
MAX VBOOST ≅ VIN + VOUT
VIN
BOOST
GND
SW
VIN
LT1941
(3b)
D2
VOUT
C3
VBOOST – VSW ≅ VIN
MAX VBOOST ≅ 2VIN
VIN
BOOST
GND
SW
VIN
LT1941
(3d)
1941 F03
VOUT
MAX VBOOST – VSW ≅ VIN2
MAX VBOOST ≅ VIN2
MINIMUM VALUE FOR VIN2 = VIN + 3V
VIN2
>VIN + 3V
D2
VIN
BOOST
GND
SW
VIN
LT1941
(3c)
VOUT
VBOOST – VSW ≅ VIN2
MAX VBOOST ≅ VIN2 + VIN
MINIMUM VALUE FOR VIN2 = 3V
D2
VIN2 > 3V
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com