Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1941 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1941
Description  Triple Monolithic Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941 Datasheet(HTML) 2 Page - Linear Technology

  LT1941 Datasheet HTML 1Page - Linear Technology LT1941 Datasheet HTML 2Page - Linear Technology LT1941 Datasheet HTML 3Page - Linear Technology LT1941 Datasheet HTML 4Page - Linear Technology LT1941 Datasheet HTML 5Page - Linear Technology LT1941 Datasheet HTML 6Page - Linear Technology LT1941 Datasheet HTML 7Page - Linear Technology LT1941 Datasheet HTML 8Page - Linear Technology LT1941 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LT1941
1941f
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VIN
VIN
SW1
SW1
BOOST1
PGOOD1
VC1
FB1
PGOOD2
VC2
FB2
RUN/SS1
RUN/SS2
RUN/SS3
BIAS2
SW3
PGND
VIN
BOOST2
SW2
VIN
PGOOD3
FB3
NFB
VC3
5GOOD
12GOOD
BIAS1
29
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 25°C/ W
EXPOSED PAD (PIN 29) IS GND
MUST BE SOLDERED TO PCB
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN, VBIAS1, VBIAS2 = 5V, VBOOST1, VBOOST2 = 8V, unless otherwise noted. (Note 2)
(Note 1)
VIN Pin ...................................................... (– 0.3V), 25V
BOOST Pin Voltage .................................................. 35V
BOOST Above SW Pin .............................................. 25V
BIAS1, BIAS2 Pins ................................................... 25V
PGOOD, 5GOOD, 12GOOD Pins ............................... 25V
RUN/SS, VC, FB, NFB Pins .......................................... 3V
SW1, SW2 Voltage .................................................... VIN
SW3 Voltage ............................................................ 40V
Maximum Junction Temperature (Note 6) ............ 125
°C
Operating Ambient Temperature Range
(Note 2) .................................................. –40
°C to 85°C
Storage Temperature Range .................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300
°C
LT1941EFE
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
q
3.1
3.5
V
VIN Quiescent Current
Not Switching
2
3.5
mA
BIAS1 Quiescent Current
Not Switching
5
7.5
mA
BIAS2 Quiescent Current
Not Switching
1.6
2.2
mA
Shutdown Current
VRUNSS1,2,3 = 0V
50
75
µA
Reference Voltage Line Regulation
5V < VIN < 25V
0.01
%/V
VC Source Current
VC = 0.6V
100
µA
VC Sink Current
VC = 0.6V
100
µA
VC Clamp Voltage
1.7
V
Switching Frequency
q
0.9
1.1
1.35
MHz
Switching Phase
SW1 to SW2
150
180
210
Deg
SW1 to SW3
–30
0
30
Deg
Foldback Frequency
VFB = 0V
200
kHz
RUN/SS Current
123
µA
RUN/SS Threshold
0.4
0.6
V
5GOOD Threshold
VIN Rising
4.5
V
5GOOD Voltage Output Low
I5GOOD = 125µA, VIN = 4V
0.2
0.4
V
5GOOD Leakage
V5GOOD = 2V
10
400
nA
12GOOD Threshold
VIN Rising
10.8
V
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com