Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3403 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3403
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3403 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3403 Datasheet HTML 4Page - Linear Technology LTC3403 Datasheet HTML 5Page - Linear Technology LTC3403 Datasheet HTML 6Page - Linear Technology LTC3403 Datasheet HTML 7Page - Linear Technology LTC3403 Datasheet HTML 8Page - Linear Technology LTC3403 Datasheet HTML 9Page - Linear Technology LTC3403 Datasheet HTML 10Page - Linear Technology LTC3403 Datasheet HTML 11Page - Linear Technology LTC3403 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC3403
3403f
OPERATIO (Refer to Functional Diagram)
Main Control Loop
The LTC3403 uses a constant frequency, current mode
step-down architecture. The main (P-channel MOSFET),
synchronous (N-channel MOSFET) and bypass (P-chan-
nel MOSFET) switches are internal. During normal opera-
tion, the internal main switch is turned on each cycle when
the oscillator sets the RS latch, and turned off when the
current comparator, ICOMP, resets the RS latch. The peak
inductor current at which ICOMP resets the RS latch, is
controlled by the output of error amplifier EA. When the
load current increases, it causes a slight decrease in the
feedback voltage, FB, relative to the external reference,
which in turn, causes the EA amplifier’s output voltage to
increase until the average inductor current matches the
new load current. While the main switch is off, the syn-
chronous switch is turned on until the beginning of the
next clock cycle.
In forced continuous mode the inductor current is con-
stantly cycled. In this mode, the output voltage can re-
spond quickly to the external reference voltage by sourc-
ing or sinking current as needed.
Burst Mode Operation
The LTC3403 is capable of Burst Mode operation in which
the internal power switches operate intermittently based
on load demand.
In Burst Mode operation, the peak current of the inductor
is set to approximately 200mA regardless of the output
load. Each burst event can last from a few cycles at light
loads to almost continuously cycling with short sleep
intervals at moderate loads. In between these burst events,
the power switches and any unneeded circuitry are turned
off, reducing the quiescent current to 20
µA. In this sleep
state, the load current is being supplied solely from the
output capacitor. As the output voltage droops, the EA
amplifier’s output rises above the sleep threshold signal-
ing the BURST comparator to trip and turn the top switch
on. This process repeats at a rate that is dependent on the
load demand.
Controlling the Output Voltage
The output voltage can be dynamically programmed from
0.3V to 3.5V using the REF input. Because the gain to VOUT
from REF is internally set to 3, the corresponding input
range at REF is 0.1V to 1.167V. VOUT can be modulated
during operation by driving REF with an external DAC.
When REF exceeds 1.2V, an internal bypass P-channel
MOSFET connects VIN to VOUT, dramatically reducing the
drop across the inductor and the main switch.
Dropout Operation
If the reference voltage would cause VOUT to exceed VIN,
the LTC3403 enters dropout operation. During dropout,
the main switch remains on continuously and operates at
100% duty cycle. If the voltage at REF is less than 1.2V, the
bypass P-channel MOSFET will stay off even in dropout
operation. The output voltage is then determined by the
input voltage minus the voltage drop across the main switch
and the inductor.
An important detail to remember is that at low input
supply voltages, the RDS(ON) of the P-channel switch
increases (see Typical Performance Characteristics).
Therefore, the user should calculate the power dissipa-
tion when the LTC3403 is used at 100% duty cycle with
low input voltage (See Thermal Considerations in the
Applications Information section).
Low Supply Operation
The LTC3403 will operate with input supply voltages as
low as 2.5V, but the maximum allowable output current is
reduced at this low voltage. Figure 2 shows the reduction
in the maximum output current as a function of input
voltage for various output voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com