Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3403 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3403
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3403 Datasheet(HTML) 3 Page - Linear Technology

  LTC3403 Datasheet HTML 1Page - Linear Technology LTC3403 Datasheet HTML 2Page - Linear Technology LTC3403 Datasheet HTML 3Page - Linear Technology LTC3403 Datasheet HTML 4Page - Linear Technology LTC3403 Datasheet HTML 5Page - Linear Technology LTC3403 Datasheet HTML 6Page - Linear Technology LTC3403 Datasheet HTML 7Page - Linear Technology LTC3403 Datasheet HTML 8Page - Linear Technology LTC3403 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC3403
3403f
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs VIN
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Oscillator Frequency
vs Temperature
(From Figure 1a)
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3403 G02
0
1
VIN = 3.6V
VIN = 3.6V
VIN = 4.2V
VIN = 4.2V
TA = 25°C
FORCED
CONTINUOUS
MODE
Burst Mode
OPERATION
VOUT = 1.2V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3403 G03
0
1
VIN = 3.6V
VIN = 3.6V
VIN = 4.2V
VIN = 4.2V
TA = 25°C
FORCED
CONTINUOUS
MODE
Burst Mode
OPERATION
VOUT = 1.5V
TEMPERATURE (
°C)
–50
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
25
75
–25
0
50
100
125
VIN = 3.6V
3403 G05
VIN (V)
2.5
55
50
65
70
75
100
85
3.0
3.5
3403 G01
60
90
95
80
4.0
4.5
IL = 300mA
IL = 600mA
IL = 100mA
IL = 10mA
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3403 G04
0
1
VIN = 3.6V
VIN = 3.6V
VIN = 4.2V
VIN = 4.2V
TA = 25°C
FORCED
CONTINUOUS
MODE
Burst Mode
OPERATION
VOUT = 2.5V
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3403E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3403: TJ = TA + (PD)(43°C/W)
Note 4: When VREF > 1.2V and VREF x3 > VIN, the P-channel FET will be on
in parallel with the bypass PFET reducing the overall RDS(ON).
Note 5: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
ELECTRICAL CHARACTERISTICS
VOUT (V)
0
100
90
80
70
60
50
40
12
3
4
3403 GO1a
TA = 25°C
VIN = 3.6V
100mA BURST
MODE 0PERATION
600mA FORCED
CONTINUOUS MODE
100mA FORCED
CONTINUOUS MODE
Efficiency vs VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com