Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3403 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3403
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3403 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3403 Datasheet HTML 8Page - Linear Technology LTC3403 Datasheet HTML 9Page - Linear Technology LTC3403 Datasheet HTML 10Page - Linear Technology LTC3403 Datasheet HTML 11Page - Linear Technology LTC3403 Datasheet HTML 12Page - Linear Technology LTC3403 Datasheet HTML 13Page - Linear Technology LTC3403 Datasheet HTML 14Page - Linear Technology LTC3403 Datasheet HTML 15Page - Linear Technology LTC3403 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC3403
3403f
PART NUMBER
DESCRIPTION
COMMENTS
LT1932
Constant Current, 1.2MHz, High Efficiency
Up to 8 White LEDs, VIN: 1V to 10V, VOUT(MAX): 34V, IQ: 1.2mA,
White LED Boost Regulator
ISD: <1µA, ThinSOT
TM Package
LT1937
Constant Current, 1.2MHz, High Efficiency
Up to 4 White LEDs, VIN: 2.5V to 10V, VOUT(MAX): 34V, IQ: 1.9mA,
White LED Boost Regulator
ISD: <1µA, ThinSOT, SC70 Packages
LTC3200/LTC3200-5
Low Noise, 2MHz, Regulated Charge Pump
Up to 6 White LEDs, VIN: 2.7V to 4.5V, IQ: 8mA,
White LED Driver
ISD: <1µA, MSOP/ThinSOT Packages
LTC3250-1.5
250mA,1.5MHz, High Efficiency Step Down Charge Pump
Up to 88% Efficiency, VIN: 3.1V to 5.5V, VOUT: 1.5V, IQ: 35µA,
ISD: <1µA, ThinSOT Package
LTC3251/LTC3251-1.5 500mA,Spread Spectrum, High Efficiency
Up to 88% Efficiency, VIN: 2.7V to 5.5V, VOUT: 0.9V to 1.6V,1.5V;
Step Down Charge Pump
IQ: 8µA, ISD: <1µA, MS Package
LTC3252
Dual 250mA/Channel,Spread Spectrum, High Efficiency
Up to 88% Efficiency, VIN: 2.7V to 5.5V, VOUT: 0.9V to 1.6V,
Step Down Charge Pump
IQ: 60µA, ISD: <1µA, DFN-12 Package
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.7V to 6V, VOUT(MIN): 0.8V, IQ: 20µA,
DC/DC Converter
ISD: <1µA, ThinSOT Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.6V, IQ: 20µA,
DC/DC Converter
ISD: <1µA, ThinSOT Package
LTC3440
600mA (IOUT), 2MHz, Synchronous Buck-Boost
95% Efficiency, VIN: 2.5V to 5.5V, VOUT: 2.5V to 5.5V, IQ: 25µA,
DC/DC Converter
ISD: <1µA, MSOP Package
LTC3441
1A (IOUT), 1MHz, Synchronous Buck-Boost
95% Efficiency, VIN: 2.4V to 5.5V, VOUT: 1.5V to 5.25V, IQ: 25µA,
DC/DC Converter
ISD: <1µA, DFN-12 Package
LT3465/LT3465A
Constant Current, 1.2MHz/2.7MHz, High Efficiency
Up to 6 White LEDs, VIN: 2.7V to 16V, VOUT(MAX): 30V, IQ: 2mA,
White LED Boost Regulator with Integrated Schottky Diode ISD: <1µA, ThinSOT Package
ThinSOT is a trademark of Linear Technology Corporation.
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
LT/TP 0603 1K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2003
TYPICAL APPLICATIO
VIN
CIN†
10
µF
CER
VIN
2.7V
TO 5V
*
**
LTC3403
RUN
REF
4
1
4.7
µH*
M1
3403 TA01
MURATA LQH3C2R4M74
TAIYO YUDEN JMK212BJ475MG
TAIYO YUDEN JMK212BJ106MN
8
2
5
7
CONTROL DAC
6
3
SW
MODE
GDR
VOUT
GND
COUT**
4.7
µF
CER
VOUT
3
× REF
600mA
High Efficiency Step-Down Converter with External Bypass MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com