Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3403 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3403
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3403 Datasheet(HTML) 5 Page - Linear Technology

  LTC3403 Datasheet HTML 1Page - Linear Technology LTC3403 Datasheet HTML 2Page - Linear Technology LTC3403 Datasheet HTML 3Page - Linear Technology LTC3403 Datasheet HTML 4Page - Linear Technology LTC3403 Datasheet HTML 5Page - Linear Technology LTC3403 Datasheet HTML 6Page - Linear Technology LTC3403 Datasheet HTML 7Page - Linear Technology LTC3403 Datasheet HTML 8Page - Linear Technology LTC3403 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC3403
3403f
Switch Leakage vs Temperature
Switch Leakage vs Input Voltage
TEMPERATURE (
°C)
–50
200
250
300
25
75
3403 G11
150
100
–25
0
50
100
125
50
0
VIN = 5.5V
RUN = 0V
MAIN SWITCH
SYNCHRONOUS SWITCH
INPUT VOLTAGE (V)
0
0
20
40
60
80
120
1
23
4
3403 G12
56
100
TA = 25°C
RUN = 0V
SYNCHRONOUS
SWITCH
MAIN
SWITCH
RUN
2V/DIV
VOUT
1V/DIV
IL
500mA/DIV
40
µs/DIV
VIN = 3.6V
VREF = 0.6V
RLOAD = 3Ω
MODE = 3.6V, FORCED CONTINUOUS MODE
3403 G13
Start-Up from Shutdown
Burst Mode Operation
Load Step Response
VIN = 3.6V
VREF = 0.6V
ILOAD = 60mA
MODE = 0V
VOUT
0.1V/DIV
IL
200mA/DIV
2
µs/DIV
3403 G14
VOUT
10mV/DIV
IL
200mA/DIV
200ns/DIV
VIN = 3.6V
VREF = 0.6V
ILOAD = 0A
MODE = 3.6V
3403 G15
VOUT
200mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
20
µs/DIV
VIN = 3.6V
VREF = 0.6V
ILOAD = 50mA TO 600mA
MODE = 0V, Burst Mode OPERATION
3403 G16
Forced Continuous Mode
TYPICAL PERFOR A CE CHARACTERISTICS (From Figure 1a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com