Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3403 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3403
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3403 Datasheet(HTML) 1 Page - Linear Technology

  LTC3403 Datasheet HTML 1Page - Linear Technology LTC3403 Datasheet HTML 2Page - Linear Technology LTC3403 Datasheet HTML 3Page - Linear Technology LTC3403 Datasheet HTML 4Page - Linear Technology LTC3403 Datasheet HTML 5Page - Linear Technology LTC3403 Datasheet HTML 6Page - Linear Technology LTC3403 Datasheet HTML 7Page - Linear Technology LTC3403 Datasheet HTML 8Page - Linear Technology LTC3403 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC3403
3403f
APPLICATIO S
TYPICAL APPLICATIO
s
WCDMA Cell Phone Power Amplifiers
s
Wireless Modems
Figure 1a. WCDMA Transmitter Power Supply
Figure 1b. Efficiency vs Output Current
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
VIN
CIN
10
µF
CER
VIN
2.7V
TO 5V
*
**
LTC3403
RUN
REF
2.2
µH*
3403 F01a
MURATA LQH32CN2R2M11
TAIYO YUDEN JMK212BJ475MG
TAIYO YUDEN JMK212BJ106MN
3
SW
MODE
GDR
VOUT
GND
COUT**
4.7
µF
CER
VOUT
3
× VREF
600mA
WCDMA
RF PA
OUTPUT
PROGRAMMING
DAC
OUTPUT CURRENT (mA)
60
70
75
85
95
0.1
10
100
1000
3403 F01b
50
1
80
65
55
90
VIN = 3.6V
VIN = 3.6V
VIN = 4.2V
VIN = 4.2V
FORCED
CONTINUOUS
MODE
Burst Mode
OPERATION
VOUT = 1.8V
1.5MHz, 600mA
Synchronous Step-Down
Regulator with Bypass Transistor
DESCRIPTIO
FEATURES
s
Dynamically Adjustable Output from 0.3V to 3.5V
s
Very Low Quiescent Current: Only 20
µA
During Operation
s
600mA Output Current
s
Internal P-Channel MOSFET Bypass Transistor
s
High Efficiency: Up to 96%
s
1.5MHz Constant Frequency Operation
s
No Schottky Diode Required
s
Low Dropout Operation: 100% Duty Cycle
s
2.5V to 5V Input Voltage Range
s
Drives Optional External P-Channel MOSFET
s
Shutdown Mode Draws < 1
µA Supply Current
s
Current Mode Operation for Excellent Line and
Load Transient Response
s
Overtemperature Protected
s
Available in 8-Lead 3mm
× 3mm DFN Package
The LTC
®3403 is a high efficiency monolithic synchro-
nous buck regulator optimized for WCDMA power ampli-
fier applications. The output voltage can be dynamically
programmed from 0.3V to 3.5V. At VOUT > 3.6V an internal
bypass P-channel MOSFET connects VOUT directly to VIN,
eliminating power loss through the inductor. Selectable
forced continuous mode enables fast VOUT response to the
controlling input.
Supply current is only 20
µA in Burst Mode® operation and
drops to <1
µA in shutdown. The 2.5V to 5V input voltage
range makes the LTC3403 ideally suited for single Li-Ion
battery-powered applications. 100% duty cycle provides
low dropout operation, extending battery life in portable
systems.
Switching frequency is internally set at 1.5MHz, allowing
the use of small surface mount inductors and capacitors.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode.
The LTC3403 is available in a low profile 8-lead 3mm
×
3mm DFN package.


Similar Part No. - LTC3403

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3403 LINER-LTC3403 Datasheet
933Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3403 LINER-LTC3403_15 Datasheet
933Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
More results

Similar Description - LTC3403

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3408 LINER-LTC3408 Datasheet
156Kb / 12P
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Linear Technology
LTC3403 LINER-LTC3403_15 Datasheet
933Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3408 LINER-LTC3408_15 Datasheet
166Kb / 12P
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3406AB LINER-LTC3406AB_15 Datasheet
317Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.8 LINER-LTC3406-1.8_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com