Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3403 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3403
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3403 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3403 Datasheet HTML 2Page - Linear Technology LTC3403 Datasheet HTML 3Page - Linear Technology LTC3403 Datasheet HTML 4Page - Linear Technology LTC3403 Datasheet HTML 5Page - Linear Technology LTC3403 Datasheet HTML 6Page - Linear Technology LTC3403 Datasheet HTML 7Page - Linear Technology LTC3403 Datasheet HTML 8Page - Linear Technology LTC3403 Datasheet HTML 9Page - Linear Technology LTC3403 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC3403
3403f
TYPICAL PERFOR A CE CHARACTERISTICS (From Figure 1a)
VOUT
100mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
20
µs/DIV
VIN = 3.6V
VREF = 0.6V
ILOAD = 0mA TO 600mA
MODE = 0V, FORCED CONTINUOUS MODE
3403 G17
VREF
0.5V/DIV
VOUT
1V/DIV
40
µs/DIV
VIN = 4.2V
VREF = 0V TO 1.4V
RLOAD = 5Ω
MODE = 4.2V, FORCED CONTINUOUS MODE
3403 G18
Load Step Response
REF Transient
REF
1V/DIV
GDR
2V/DIV
VIN = 3.6V
CGDR = 1000pF
5
µs/DIV
3403 F20
VREF (V)
0
1.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3403 G19
0.5
1.5
VIN = 4.2V
IL = 100mA
IL = 600mA
Reference vs GDR
VOUT vs VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com