Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HWTR Datasheet(PDF) 44 Page - STMicroelectronics

Part # LPS33HWTR
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HWTR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LPS33HWTR Datasheet HTML 40Page - STMicroelectronics LPS33HWTR Datasheet HTML 41Page - STMicroelectronics LPS33HWTR Datasheet HTML 42Page - STMicroelectronics LPS33HWTR Datasheet HTML 43Page - STMicroelectronics LPS33HWTR Datasheet HTML 44Page - STMicroelectronics LPS33HWTR Datasheet HTML 45Page - STMicroelectronics LPS33HWTR Datasheet HTML 46Page - STMicroelectronics LPS33HWTR Datasheet HTML 47Page - STMicroelectronics LPS33HWTR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
Register description
LPS33HW
44/50
DocID030522 Rev 1
8.19
PRESS_OUT_L (29h)
Pressure output value (mid part)
8.20
PRESS_OUT_H (2Ah)
Pressure output value (MSB)
8.21
TEMP_OUT_L (2Bh)
Temperature output value (LSB)
The temperature output value is 16-bit data that contains the measured temperature. It is
composed of TEMP_OUT_H (2Ch), and TEMP_OUT_L (2Bh). The value is expressed as
2’s complement.
8.22
TEMP_OUT_H (2Ch)
Temperature output value (MSB)
The temperature output value is 16-bit data that contains the measured temperature. It is
composed of TEMP_OUT_H (2Ch) and TEMP_OUT_L (2Bh). The value is expressed as 2’s
complement.
7
6
54321
0
POUT15
POUT14
POUT13
POUT12
POUT11
POUT10
POUT9
POUT8
POUT[15:8]
This register contains the mid part of the pressure output value. Refer to
PRESS_OUT_XL (28h)
7
6
54321
0
POUT23
POUT22
POUT21
POUT20
POUT19
POUT18
POUT17
POUT16
POUT[23:16]
This register contains the high part of the pressure output value.
Refer to PRESS_OUT_XL (28h)
7
6
54321
0
TOUT7
TOUT6
TOUT5
TOUT4
TOUT3
TOUT2
TOUT1
TOUT0
TOUT[7:0]
This register contains the low part of the temperature output value.
7
6
54321
0
TOUT15
TOUT14
TOUT13
TOUT12
TOUT11
TOUT10
TOUT9
TOUT8
TOUT[15:8]
This register contains the high part of the temperature output value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com