Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HWTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # LPS33HWTR
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HWTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LPS33HWTR Datasheet HTML 4Page - STMicroelectronics LPS33HWTR Datasheet HTML 5Page - STMicroelectronics LPS33HWTR Datasheet HTML 6Page - STMicroelectronics LPS33HWTR Datasheet HTML 7Page - STMicroelectronics LPS33HWTR Datasheet HTML 8Page - STMicroelectronics LPS33HWTR Datasheet HTML 9Page - STMicroelectronics LPS33HWTR Datasheet HTML 10Page - STMicroelectronics LPS33HWTR Datasheet HTML 11Page - STMicroelectronics LPS33HWTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
Block diagram and pin description
LPS33HW
8/50
DocID030522 Rev 1
Figure 2. Pin connections (bottom view)
Table 2. Pin description
Pin number
Name
Function
1
Vdd_IO
Power supply for I/O pins
2
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
3
Reserved
Connect to GND
4
SDA
SDI
SDI/SDO
I2C serial data (SDA)
4-wire SPI serial data input (SDI)
3-wire serial data input/output (SDI/SDO)
5
SDO
SA0
4-wire SPI serial data output (SDO)
I2C less significant bit of the device address (SA0)
6CS
SPI enable
I2C/SPI mode selection
(1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled)
7
INT_DRDY
Interrupt or data-ready
8
GND
0 V supply
9
GND
0 V supply
10
VDD
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com