Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HWTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LPS33HWTR
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HWTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LPS33HWTR Datasheet HTML 6Page - STMicroelectronics LPS33HWTR Datasheet HTML 7Page - STMicroelectronics LPS33HWTR Datasheet HTML 8Page - STMicroelectronics LPS33HWTR Datasheet HTML 9Page - STMicroelectronics LPS33HWTR Datasheet HTML 10Page - STMicroelectronics LPS33HWTR Datasheet HTML 11Page - STMicroelectronics LPS33HWTR Datasheet HTML 12Page - STMicroelectronics LPS33HWTR Datasheet HTML 13Page - STMicroelectronics LPS33HWTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Mechanical and electrical specifications
LPS33HW
10/50
DocID030522 Rev 1
2.2
Electrical characteristics
VDD = 1.8 V, T = 25 °C, unless otherwise noted.
1. Typical specifications are not guaranteed.
2. By design.
3. OPC: One-Point Calibration, see registers RPDS_L (18h), RPDS_H (19h).
4. Pressure noise RMS evaluated in a controlled environment, based on the average standard deviation of 32 measurements
at highest ODR and LC_EN bit = 0, EN_LPFP = 1, LPFP_CFG = 1 for "with embedded filter (ODR/20)" and LC_EN bit = 0,
EN_LPFP = 0, LPFP_CFG = x for "without embedded filter".
5. Output data rate is configured acting on ODR[2:0] in CTRL_REG1 (10h).
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
1. Typical specifications are not guaranteed.
Max.
Unit
VDD
Supply voltage
1.7
3.6
V
Vdd_IO
IO supply voltage
1.7
Vdd+0.1
V
Idd
Supply current
@ ODR 1 Hz
LC_EN bit = 0
15
μA
@ ODR 1 Hz
LC_EN bit = 1
3
IddPdn
Supply current
in power-down mode
1
μA
Table 5. DC characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
DC input characteristics
Vil
Low-level input voltage
(Schmitt buffer)
-
-
-
0.2 * Vdd_IO
V
Vih
High-level input voltage
(Schmitt buffer)
-
0.8 * Vdd_IO
-
-
V
DC output characteristics
Vol
Low-level output voltage
-
-
0.2
V
Voh
High-level output voltage
Vdd_IO - 0.2
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com