Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HWTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # LPS33HWTR
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HWTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LPS33HWTR Datasheet HTML 31Page - STMicroelectronics LPS33HWTR Datasheet HTML 32Page - STMicroelectronics LPS33HWTR Datasheet HTML 33Page - STMicroelectronics LPS33HWTR Datasheet HTML 34Page - STMicroelectronics LPS33HWTR Datasheet HTML 35Page - STMicroelectronics LPS33HWTR Datasheet HTML 36Page - STMicroelectronics LPS33HWTR Datasheet HTML 37Page - STMicroelectronics LPS33HWTR Datasheet HTML 38Page - STMicroelectronics LPS33HWTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
DocID030522 Rev 1
35/50
LPS33HW
Register description
50
8.3
THS_P_H (0Dh)
Most significant bits of the threshold value for pressure interrupt generation.
8.4
WHO_AM_I (0Fh)
Device Who am I
8.5
CTRL_REG1 (10h)
Control register 1
7
6
54321
0
THS15
THS14
THS13
THS12
THS11
THS10
THS9
THS8
THS[15:8]
This register contains the high part of threshold value for pressure interrupt genera-
tion. Refer to THS_P_L (0Ch).
7
6
54321
0
1
0
11000
1
7
6
54321
0
0(1)
ODR2
ODR1
ODR0
EN_LPFP
LPFP_CFG
BDU
SIM
1. This bit must be set to ‘0’ for proper operation of the device.
ODR[2:0]
Output data rate selection. Default value: 000
Refer to Table 17.
EN_LPFP
Enable low-pass filter on pressure data. Default value: 0
(0: Low-pass filter disabled; 1: Low-pass filter enabled)
LPFP_CFG
Low-pass configuration register. Default value: 0
Refer to Table 18.
BDU(1)
Block data update. Default value: 0
(0: continuous update;
1: output registers not updated until MSB and LSB have been read)
SIM
SPI Serial Interface Mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
1. To guarantee the correct behavior of the BDU feature, PRESS_OUT_H (2Ah) must be the last address
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com