Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HWTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPS33HWTR
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HWTR Datasheet(HTML) 1 Page - STMicroelectronics

  LPS33HWTR Datasheet HTML 1Page - STMicroelectronics LPS33HWTR Datasheet HTML 2Page - STMicroelectronics LPS33HWTR Datasheet HTML 3Page - STMicroelectronics LPS33HWTR Datasheet HTML 4Page - STMicroelectronics LPS33HWTR Datasheet HTML 5Page - STMicroelectronics LPS33HWTR Datasheet HTML 6Page - STMicroelectronics LPS33HWTR Datasheet HTML 7Page - STMicroelectronics LPS33HWTR Datasheet HTML 8Page - STMicroelectronics LPS33HWTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
This is information on a product in full production.
July 2017
DocID030522 Rev 1
1/50
LPS33HW
MEMS pressure sensor: 260-1260 hPa absolute
digital output barometer with water-resistant package
Datasheet
- production data
Features
 Pressure sensor with water-resistant package
 260 to 1260 hPa absolute pressure range
 Current consumption down to 3 μA
 High overpressure capability: 20x full scale
 Embedded temperature compensation
 24-bit pressure data output
 16-bit temperature data output
 ODR from 1 Hz to 75 Hz
 SPI and I²C interfaces
 Embedded FIFO
 Interrupt functions: data-ready, FIFO flags,
pressure thresholds
 Supply voltage: 1.7 to 3.6 V
 ECOPACK® lead-free compliant
Applications
 Wearable devices
 Altimeters and barometers for portable devices
 GPS applications
 Weather station equipment
Description
The LPS33HW is an ultra-compact piezoresistive
pressure sensor which functions as a digital
output barometer. The device comprises a
sensing element and an IC interface which
communicates through I2C or SPI from the
sensing element to the application.
The sensing element, which detects absolute
pressure, consists of a suspended membrane
manufactured using a dedicated process
developed by ST.
The LPS33HW is available in a ceramic LGA
package with metal lid. It is guaranteed to operate
over a temperature range extending from -40 °C
to +85 °C. The package is holed to allow external
pressure to reach the sensing element. Gel inside
the IC protects the electrical components from
water.
Table 1. Device summary
Order codes
Temperature range [°C]
Package
Packing
LPS33HWTR
-40 to +85°C
CCLGA-10L
Tape and reel
LPS33HW
Tray
www.st.com


Similar Part No. - LPS33HWTR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
Shielded Power Inductors
LPS3314-102MLB COILCRAFT-LPS3314-102MLB Datasheet
151Kb / 2P
Shielded Power Inductors - LPS3314
LPS3314-102MLC COILCRAFT-LPS3314-102MLC Datasheet
151Kb / 2P
Shielded Power Inductors - LPS3314
LPS3314-102MLD COILCRAFT-LPS3314-102MLD Datasheet
151Kb / 2P
Shielded Power Inductors - LPS3314
LPS3314-103ML COILCRAFT-LPS3314-103ML Datasheet
205Kb / 2P
Shielded Power Inductors
More results

Similar Description - LPS33HWTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS331AP STMICROELECTRONICS-LPS331AP Datasheet
447Kb / 36P
MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
29-Mar-2012
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
31-Jul-2019
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
20-May-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
ILPS28QSW STMICROELECTRONICS-ILPS28QSW Datasheet
2Mb / 52P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
17-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com