Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HWTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # LPS33HWTR
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HWTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LPS33HWTR Datasheet HTML 16Page - STMicroelectronics LPS33HWTR Datasheet HTML 17Page - STMicroelectronics LPS33HWTR Datasheet HTML 18Page - STMicroelectronics LPS33HWTR Datasheet HTML 19Page - STMicroelectronics LPS33HWTR Datasheet HTML 20Page - STMicroelectronics LPS33HWTR Datasheet HTML 21Page - STMicroelectronics LPS33HWTR Datasheet HTML 22Page - STMicroelectronics LPS33HWTR Datasheet HTML 23Page - STMicroelectronics LPS33HWTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
FIFO
LPS33HW
20/50
DocID030522 Rev 1
4.5
Stream-to-FIFO mode
In Stream-to-FIFO mode (FIFO_CTRL (14h)(FMODE2:0) = 011), FIFO behavior changes
according to the INT_SOURCE (25h)(IA) bit. When INT_SOURCE (25h)(IA) bit is equal to
'1', FIFO operates in FIFO mode. When the INT_SOURCE (25h)(IA) bit is equal to '0', FIFO
operates in Stream mode.
An interrupt generator can be set to the desired configuration through INTERRUPT_CFG
(0Bh).
The INTERRUPT_CFG (0Bh)(LIR) bit should be set to '1' in order to have latched interrupt.
Figure 10. Stream-to-FIFO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com