Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8452 Datasheet(PDF) 32 Page - Analog Devices

Part # AD8452
Description  Precision Integrated Analog Front End, Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8452 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8452 Datasheet HTML 27Page - Analog Devices AD8452 Datasheet HTML 28Page - Analog Devices AD8452 Datasheet HTML 29Page - Analog Devices AD8452 Datasheet HTML 30Page - Analog Devices AD8452 Datasheet HTML 31Page - Analog Devices AD8452 Datasheet HTML 32Page - Analog Devices AD8452 Datasheet HTML 33Page - Analog Devices AD8452 Datasheet HTML 34Page - Analog Devices AD8452 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Data Sheet
AD8452
Rev. 0 | Page 31 of 34
SETTING THE OPERATING FREQUENCY AND
PROGRAMMING THE SYNCHONIZATION PIN
Operating modes of the AD8452 clock rely on the state of the
FREQ pin and one of three possible voltage options applied to
the SCFG pin. See Table 10 for a summary of synchronization
options.
When the voltage at the SCFG pin exceeds 4.53 V (or the pin is
floating and internally connected to VREG), the AD8452 operates
at the frequency set by RFREQ. The SYNC pin is configured as an
output, displaying a clock signal at the programmed frequency. In
this state, the clock voltage at the SYNC pin can be used as a
master clock for synchronized applications.
If VSCFG is ≤0.5 V, the SYNC pin is configured as an input, and
the AD8452 operates as a slave device. As a slave device, the
AD8452 synchronizes to the external clock applied to the SYNC
pin. If the voltage applied to the SCFG pin is 0.65 V < VSCFG <
4.25 V, and a resistor is connected between SCFG and ground,
the SYNC pin is configured as an input, and the AD8452
synchronizes to a phase shifted version of the external clock
applied to the SYNC pin.
Whether operating the AD8452 as a master or as a slave device,
carefully select RFREQ using the equations in the following sections.
Select RFREQ for Standalone or Master Clock
Whether master or slave, the clock frequency can be selected
graphically or by applying Equation 4.
Figure 26 shows the relationship between the RFREQ (MASTER) value
and the programmed switching frequency. Simply identify the
desired clock frequency on Axis fSET, and read the
corresponding resistor value on Axis RFREQ (MASTER).
To calculate the RFREQ (MASTER) value for a desired master clock
synchronization frequency, use the following equation:
( )
(kHz)
10
kΩ
4
)
(
SET
MASTER
FREQ
f
R
=
(4)
where RFREQ (MASTER) is the resistor in kΩ to set the frequency for
the master device, and fSET is the switching frequency in kHz.
Selecting RFREQ for a Slave Device
To configure the AD8452 as a slave device, drive VSCFG < 4.53 V,
and the device operates at the frequency of an external clock
applied to the SYNC pin. To ensure proper synchronization,
select RFREQ to set the frequency to a value slightly slower than
that of the master clock by using the following equation:
RFREQ (SLAVE) = 1.11 × RFREQ (MASTER)
(5)
where RFREQ (SLAVE) is the resistor value that appropriately scales
the frequency for the slave device, 1.11 is the RFREQ slave to
master ratio for synchronization and RFREQ (MASTER) is the resistor
value of the master clock applied to the SYNC pin.
The frequency of the slave device is set to a frequency slightly
lower than that of the master device to allow the digital
synchronization loop of the AD8452 to synchronize to the
master clock period. The slave device can synchronize to a
master clock frequency running from 2% to 20% higher than
the slave clock frequency. Setting RFREQ(SLAVE) to 1.11× larger than
RFREQ(MASTER) runs the synchronization loop in approximately the
center of the adjustment range.
Programming the External Clock Phase Shift
If a phase shift is not required for slave devices, connect the
SCFG pin of each slave device to ground. For devices that
require a phase shifted version of the synchronization clock that
is applied to the SYNC pin of the slave devices, connect a
resistor (RSCFG) from SCFG to ground to program the desired
phase shift. To determine the RSCFG value for a desired phase
shift (φSHIFT), start by calculating the frequency of the slave clock
(fSLAVE).
(SLAVE)
FREQ
SLAVE
R
f
4
10
(kHz) =
(6)
Next, calculate the period of the slave clock.
3
(kHz)
10
1
s)
(
×
=
µ
SLAVE
SLAVE
f
t
(7)
where:
tSLAVE is the period of the slave clock in µs.
fSLAVE is the frequency of the slave clock in kHz.
Next, determine the phase time delay (tDELAY) for the desired
phase shift (φSHIFT) using the following equation:
( )
360
μs
s)
(
SHIFT
SLAVE
SLAVE
t
t
×
ϕ
=
µ
(8)
where:
tDELAY is the phase time delay in µs.
φSHIFT is the desired phase shift.
Lastly, use the following equation to calculate tDELAY:
RSCFG (kΩ) = 0.45 × RFREQ(SLAVE) (kΩ) + 50 × tDELAY (µs)
(9)
where:
RSCFG is the corresponding resistor for the desired phase shift in
kHz. See Figure 27 for the RSCFG vs. tDELAY graph.
When using the phase shift feature, connect a capacitor of 47 pF
or greater in parallel with RSCFG.
Alternatively, the SCFG pin can be controlled with a voltage source
but if an independent voltage source is used, ensure VSCFG ≤ VREG
under all conditions. When the AD8452 is disabled via UVLO,
VREG = 0 V, and the voltage source must be adjusted accordingly
to ensure VSCFG ≤ VREG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com