Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8452 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8452
Description  Precision Integrated Analog Front End, Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8452 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8452 Datasheet HTML 17Page - Analog Devices AD8452 Datasheet HTML 18Page - Analog Devices AD8452 Datasheet HTML 19Page - Analog Devices AD8452 Datasheet HTML 20Page - Analog Devices AD8452 Datasheet HTML 21Page - Analog Devices AD8452 Datasheet HTML 22Page - Analog Devices AD8452 Datasheet HTML 23Page - Analog Devices AD8452 Datasheet HTML 24Page - Analog Devices AD8452 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
AD8452
Data Sheet
Rev. 0 | Page 20 of 34
In-Amp Offset Option
As shown in Figure 35, the in-amp reference node is connected
to the ISREFL pin and ISREFH pin via an internal resistor divider.
This resistor divider can be used to introduce a temperature
insensitive offset to the output of the in-amp such that it always
reads a voltage higher than zero for a zero differential input.
Because the output voltage of the in-amp is always positive, a
unipolar analog-to-digital converter (ADC) can digitize it.
When the ISREFH pin is tied to the VREF pin with the ISREFL
pin grounded, the voltage at the ISMEA pin is increased by an
offset voltage, VOS, of 12.5 mV, guaranteeing that the output of
the in-amp is always positive for zero differential inputs. Other
voltage shifts can be realized by tying the ISREFH pin to an
external voltage source. The gain from the ISREFH pin to the
ISMEA pin is 5 mV/V. For zero offset, connect the ISREFL pin
and ISREFH pin to ground.
Battery Reversal and Overvoltage Protection
The AD8452 in-amp can be configured for high-side or low-side
current sensing. If the in-amp is configured for high-side
current sensing (see Figure 34) and the battery is connected
backward, the in-amp inputs may be held at a voltage that is below
the negative power rail (AVEE), depending on the battery voltage.
To prevent damage to the in-amp under these conditions, the
in-amp inputs include overvoltage protection circuitry that
allows them to be held at voltages of up to 55 V from the
opposite power rail. In other words, the safe voltage span for the
in-amp inputs extends from AVCC − 55 V to AVEE + 55 V.
DIFFERENCE AMPLIFIER
Figure 36 is a block diagram of the difference amplifier used to
monitor the battery voltage. The architecture of the difference
amplifier is a subtractor amplifier with a fixed gain of 0.4 V/V.
This gain value allows the difference amplifier to funnel the
voltage of a 5 V battery to a level that can be read by a 5 V ADC
with a 4.096 V reference.
BVREFL
BVP
BVN
200kΩ
200kΩ
80kΩ
79.7kΩ
AD8452 DIFFAMP
BVREFH
VREF
BVMEA
300Ω
60kΩ
CONNECT
FOR VOS
OF 12.5mV
+ BATTERY
TERMINAL
– BATTERY
TERMINAL
Figure 36. Difference Amplifier Simplified Block Diagram
The resistors that form the difference amplifier gain network
are laser trimmed to a matching level better than ±0.1%. This
level of matching minimizes the gain error and gain error drift
of the difference amplifier while maximizing the CMRR of the
difference amplifier. This matching also allows the controller to
set a stable target voltage for the battery over temperature while
rejecting the ground bounce in the battery negative terminal.
Like the in-amp, the difference amplifier can also level shift its
output voltage via an internal resistor divider that is tied to the
difference amplifier reference node. This resistor divider is
connected to the BVREFH pin and BVREFL pin.
When the BVREFH pin is tied to the VREF pin with the BVREFL
pin grounded, the voltage at the BVMEA pin is increased by
12.5 mV, guaranteeing that the output of the difference amplifier is
always positive for zero differential inputs. Other voltage offsets
are realized by tying the BVREFH pin to an external voltage
source. The gain from the BVREFH pin to the BVMEA pin is
5 mV/V. For zero offset, tie the BVREFL pin and the BVREFH pin
to ground.
CC AND CV LOOP FILTER AMPLIFIERS
The CC and CV loop filter amplifiers are high precision, low
noise specialty amplifiers with very low offset voltage and very
low input bias current. These amplifiers serve two purposes:
•
Using external components, the amplifiers implement active
loop filters that set the dynamics (transfer function) of the
CC and CV loops.
•
The amplifiers perform a seamless transition from CC to
CV mode after the battery reaches its target voltage.
Figure 37 is a functional block diagram of the AD8452 CC and
CV feedback loops for charge mode (the MODE pin is logic high).
For illustrative purposes, the external networks connected to
the loop amplifiers are simple RC networks configured to form
single-pole inverting integrators. This type of configuration
exhibits very high dc precision when the feedback loop is
closed, due to the high loop gain when the feedback loop is in
place. The outputs of the CC and CV loop filter amplifiers are
internally connected to the VINT pins via an analog NOR
circuit (minimum output selector circuit), such that they can only
pull the VINT node down. In other words, the loop amplifier that
requires the lowest voltage at the VINT pins is in control of the
node. Thus, only one loop, CC or CV, can be in control of the
system charging control loop at any given time. When the loop
is inactive (open, such as when the EN pin is low), the voltage at
the VINT pins must be railed at AVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com