Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8452 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8452
Description  Precision Integrated Analog Front End, Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8452 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8452 Datasheet HTML 19Page - Analog Devices AD8452 Datasheet HTML 20Page - Analog Devices AD8452 Datasheet HTML 21Page - Analog Devices AD8452 Datasheet HTML 22Page - Analog Devices AD8452 Datasheet HTML 23Page - Analog Devices AD8452 Datasheet HTML 24Page - Analog Devices AD8452 Datasheet HTML 25Page - Analog Devices AD8452 Datasheet HTML 26Page - Analog Devices AD8452 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
AD8452
Data Sheet
Rev. 0 | Page 22 of 34
1. At turn on, the default start-up voltages at the ISMEA pin
and BVMEA pin are both zero, and both integrators (loop
amplifiers) begin to ramp, increasing the voltage at the
VINT node. (The voltage at the VINT pin always rises
following an enable regardless of mode setting).
2. As the voltage at the VINT node increases, the output
current IBAT from the power converter starts to rise.
3. When the IBAT current reaches the target CC steady state
value IBAT, the battery voltage is considerably less than the
target steady state value, VBAT. Therefore, the CV loop
amplifier forces its output voltage high enough to disconnect
itself from VINT. The CC loop prevails, maintaining the
target charge current until the target VBAT is achieved and
the CC loop stops integrating.
4. Due to the analog OR circuit, the loop amplifiers can only
pull the VINT node down. The CC loop takes control of
the charging feedback loop, and the CV loop is disabled.
5. As the charging process continues, the battery voltage
increases until it reaches the steady state value, VBAT, and
the voltage at the BVMEA pin reaches the target voltage, VVSET.
6. The CV loop tries to pull the VINT node down to reduce
the charging current (IBAT) and prevent the battery voltage
from rising any further. At the same time, the CC loop tries
to keep the VINT node at its current voltage to keep the
battery current at IBAT.
7. Because the loop amplifiers can only pull the VINT node
down due to the analog NOR circuit, the CV loop takes
control of the charging feedback loop, and the CC loop is
disabled.
The analog OR (minimum output selector) circuit that couples
the outputs of the loop amplifiers is optimized to minimize the
transition time from CC to CV control. Any delay in the transition
causes the CC loop to remain in control of the charge feedback
loop after the battery voltage reaches its target value. Therefore,
the battery voltage continues to rise beyond VBAT until the
control loop transitions; that is, the battery voltage overshoots
its target voltage. When the CV loop takes control of the charge
feedback loop, it reduces the battery voltage to the target voltage.
A large overshoot in the battery voltage due to transition delays
can damage the battery; thus, it is crucial to minimize delays by
implementing a fast CC to CV transition.
Figure 39 is the functional block diagram of the AD8452 CC
and CV feedback loops for discharge mode (MODE logic pin is
low). In discharge mode, the feedback loops operate in a similar
manner as in charge mode. The only difference is in the CV
loop amplifier, which operates as a noninverting integrator in
discharge mode. For illustration purposes, the external networks
connected to the loop amplifiers are simple RC networks
configured to form single-pole integrators.
ISET
CC LOOP
AMPLIFIER
CV LOOP
AMPLIFIER
IVE0
ISMEA
BVMEA
IA
DA
VVSET
R2
VSET
R1
MODE
VINT
RS
VINT
GH
HALF BRIDGE
AND LPF
MIN
OUTPUT
SELECT
VVE0
VVP0
R2
C2
VSET
BUFFER
VSETB
1×
5V
–
+
–
+
–
+
–
66×
0.4×
GL
AC IAC
HALF BRIDGE
DRIVER
DH
DL
PWM
DH
DL
INVERTER
12V DC
BAT
–
+
VISET
SHUNT
IBAT
ISVN
BVP
ISVP
BVN
Figure 39. Functional Block Diagram of the CC and CV Loops in Discharge Mode (MODE Pin Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com