Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8452 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8452
Description  Precision Integrated Analog Front End, Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8452 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8452 Datasheet HTML 15Page - Analog Devices AD8452 Datasheet HTML 16Page - Analog Devices AD8452 Datasheet HTML 17Page - Analog Devices AD8452 Datasheet HTML 18Page - Analog Devices AD8452 Datasheet HTML 19Page - Analog Devices AD8452 Datasheet HTML 20Page - Analog Devices AD8452 Datasheet HTML 21Page - Analog Devices AD8452 Datasheet HTML 22Page - Analog Devices AD8452 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
AD8452
Data Sheet
Rev. 0 | Page 18 of 34
THEORY OF OPERATION
INTRODUCTION
Lithium ion (Li-Ion) batteries require an elaborate and time
consuming postproduction process known as forming. Battery
formation consists of a series of charge/discharge cycles that
require precise current and voltage control and monitoring. The
AD8452 provides not only the stringent current and voltage
accuracy requirements, but also a highly accurate PWM, with
logic level DH and DL outputs ready for a half-H bridge configured
switch mode power output converter—all in a highly compact
7 mm × 7 mm package.
The analog front end of the AD8452 includes a precision current
sense in-amp with gain of 66× ±0.1% and a precision voltage
sense difference amplifier with a gain of 0.4 × ±0.1% for battery
voltage.
As shown in Figure 38, the AD8452 provides constant CC/CV
charging technologies, with transparent internal switching
between the two. Typical systems induce predetermined levels
of current into or out of the battery until the voltage reaches a
target value. At this point, a set constant voltage is applied
across the battery terminals, reducing the charge current until
reaching zero.
The AD8452 features a complete PWM including on-board
user adjustable features such as clock frequency, duty cycle,
clock phasing, current limiting, soft start timing, and
multichannel synchronization.
Figure 33 is the block diagram of the AD8452, illustrating the
distinct sections of the AD8452, including the in-amp and
difference amplifier measurement blocks, loop filter amplifiers,
and PWM.
Figure 34 is a block diagram of the AD8452 integrated within a
battery formation and test system. The AD8452 is usable over a
wide range of current and voltage applications simply by
judicious selection of a current sense shunt, selected according
to system requirements.
8
7
6
5
4
3
2
9
12
11
10
ISVP
VREG = 5V
ISVN
33
28
27
25
34
AVEE
1
26
35
38
29
ISREFH
ISREFLS
ISREFL
CL
AVCC
37
BVREFH
BVPS
BVREFL
BVP
BVNS
BVREFLS
BVN
500Ω
100kΩ
BATTERY
CURRENT
SENSE IA
G = 66
SS
MODE_B
31
32
300Ω
60kΩ
36
DH
DL
VIN
SCFG
VREG
DT
SS
FREQ
DGND
SYNC
1MΩ
1MΩ
SS
CL
SS
1×
80kΩ
200kΩ
SS DISCHARGE
8.5MΩ
200kΩ
SCFG
SCFG
CONFIG
DETECT
30
4V
1×
SYNC
SYNC DETECT
AVEE
AVCC
BATTERY
VOLTAGE
SENSE DA
G = 0.4
17
18
15
16
14
13
19
20
21
22
23
24
AVEE
CLFLG
AVCC
44
40
42
45
39
43
41
46
47
48
DMAX
DMAX
VREG
DMAX
D
C
D
C
DC
MODE'
CLFLG
CLFLG
SYNC
OSCILLATOR
VREG
UVLO
TSD
BAND
GAP
MODE_B
5µA
+/–
79.7kΩ
2.5V
VREF
1MΩ
CURRENT LIMIT
AND DIODE
EMULATION
MODE_B
CV LOOP
FILTER
AMPLIFIER
SOFT START
AMPLIFIER
1.1mA
CC LOOP
FILTER
AMPLIFIER
VCTRL
COMP
IDMAX
11µA
ISCFG
11µA
VBG = 1.252V
MODE_B
DRIVE
LOGIC
0.3µA
1.64pF
10µA
20µA
20µA
VFREQ = 1.252V
Figure 33. AD8452 Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com