Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8452 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8452
Description  Precision Integrated Analog Front End, Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8452 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8452 Datasheet HTML 16Page - Analog Devices AD8452 Datasheet HTML 17Page - Analog Devices AD8452 Datasheet HTML 18Page - Analog Devices AD8452 Datasheet HTML 19Page - Analog Devices AD8452 Datasheet HTML 20Page - Analog Devices AD8452 Datasheet HTML 21Page - Analog Devices AD8452 Datasheet HTML 22Page - Analog Devices AD8452 Datasheet HTML 23Page - Analog Devices AD8452 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Data Sheet
AD8452
Rev. 0 | Page 19 of 34
BATTERY
VCTRL
CURRENT
SENSE
SHUNT
ISVP
ISVN
BVP
BVN
MODE
SWITCHES
(3)
BATTERY
CURRENT
(IBAT)
AVEE
CONSTANT CURRENT
LOOP FILTER AMPLIFIER
1×
VINT
BUFFER
ISET
C
D
C
D
C
D
VINT
ISMEA
BVMEA
AD8452
CONTROLLER
SET
BATTERY
VOLTAGE
SET
BATTERY
CURRENT
C = CHARGE
D = DISCHARGE
CONSTANT VOLTAGE
LOOP FILTER AMPLIFIER
BUCK
BOOST
PWM
SELECT
IBAT
POLARITY
1.1mA
VREG
CLP
CLN
CURRENT
LIMIT AND
DIODE
EMULATION
CHARGE
DISCHARGE
1×
DC TO DC
POWER CONVERSION
COMPENSATION MATRIX
IN-AMP
DIFF AMP
Figure 34. Signal Path of a Li-Ion Battery Formation and Test System Using the AD8452
INSTRUMENTATION AMPLIFIER (IN-AMP)
Figure 35 is a block diagram of the AD8452 in-amp used to
monitor battery current when connected to a low ohmic value
shunt. The architecture of the in-amp is the classic 3-op-amp
topology, similar to the Analog Devices, Inc., industry-standard
AD8221 or AD620, and is configured for a fixed gain of 66 V/V.
This architecture, combined with ADI exclusive precision laser
trimming, provides the highest achievable CMRR and optimizes
error free (gain error better than 0.1%) high-side battery
current sensing. For more information about instrumentation
amplifiers, see A Designer's Guide to Instrumentation Amplifiers.
10kΩ
10kΩ
20kΩ
500Ω
INSTRUMENTATION AMPLIFIER
G = 66
ISVN
ISVP
+ CURRENT
SHUNT
ISMEA
– CURRENT
SHUNT
SUBTRACTOR
100kΩ
19.5kΩ
ISREFH
ISREFL
2.5V
VREF
CHARGE/
DISCHARGE
POLARITY
INVERTER
10kΩ
10kΩ
305Ω
OPTIONAL CONNECTION FOR VOS OF 12.5mV
G = 2
+/–
+/–
Figure 35. Simplified Block Diagram of the Precision 3-Op-Amp In-Amp
Reversing Polarity When Charging and Discharging
Figure 34 shows that during the charge cycle, the power converter
drives current into the battery, generating a positive voltage
across the current sense shunt. During the discharge cycle,
however, the power converter drains current from the battery,
generating a negative voltage across the shunt resistor. In other
words, the battery current reverses polarity when the battery
discharges.
When in the constant current discharge mode control loop, this
reversal of the in-amp output voltage drives the integrator to the
negative rail unless the polarity of the target current is reversed.
To solve this problem, the AD8452 in-amp includes a double
pole, double throw switch preceding its inputs that implements
an input polarity inversion, thus correcting the sign of the
output voltage (see Figure 33). This multiplexer is controlled via
the MODE pin. When the MODE pin is logic high (charge
mode), the in-amp gain is noninverting, and when the MODE
pin is logic low (discharge mode), the in-amp gain is inverting.
The polarity control of the current sense voltage to the input of
the in-amp enables the integrator output voltage (VINT) to
always swing positive, regardless of the polarity of the battery
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com