Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8452 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8452
Description  Precision Integrated Analog Front End, Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8452 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8452 Datasheet HTML 25Page - Analog Devices AD8452 Datasheet HTML 26Page - Analog Devices AD8452 Datasheet HTML 27Page - Analog Devices AD8452 Datasheet HTML 28Page - Analog Devices AD8452 Datasheet HTML 29Page - Analog Devices AD8452 Datasheet HTML 30Page - Analog Devices AD8452 Datasheet HTML 31Page - Analog Devices AD8452 Datasheet HTML 32Page - Analog Devices AD8452 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
AD8452
Data Sheet
Rev. 0 | Page 28 of 34
APPLICATIONS INFORMATION
ANALOG CONTROLLER
This section describes how to use the AD8452 in the context of
a battery formation and test system and includes design
examples.
FUNCTIONAL DESCRIPTION
The AD8452 is a precision analog front end and controller for
battery formation and test systems. Such systems are differentiated
from typical battery charger or battery management systems by
the high level of voltage and current measurement precision
required to optimize Li-Ion batteries for capacity and energy
density. Figure 49 shows the analog signal path of a simplified
switching battery formation and test system using the AD8452
controller.
The AD8452 is suitable for systems that test and form Li-Ion
and the legacy NiCad and NiMH electrolyte batteries. The
output is a digital format (PWM), designed to drive a switching
power output stage.
The AD8452 includes the following blocks (see Figure 33 and
the Theory of Operation section for more information):
•
A fixed gain in-amp that senses low-side or high-side
battery current.
•
A fixed gain difference amplifier that measures the
terminal voltage of the battery.
•
Two loop filter error amplifiers that receive the battery target
current and voltage and establish the dynamics of the CC and
CV feedback loops.
•
A minimum output selector circuit that combines the outputs
of the loop filter error amplifiers to perform automatic CC
to CV switching.
•
A PWM with high- and low-side half bridge logic level
outputs suitable for driving a MOSFET gate driver.
•
A 2.5 V reference whose output node is the VREF pin.
•
A logic input pin (MODE) that switches the controller
configuration between charge mode (high) and discharge
mode (low).
BATTERY
VCTRL
CURRENT
SENSE
SHUNT
CLP
CLN
BVP
BVN
MODE
SWITCHES
(3)
BATTERY
CURRENT
(IBAT)
AVEE
CONSTANT CURRENT
LOOP FILTER AMPLIFIER
1×
VINT
BUFFER
ISET
C
D
C
D
C
D
VINT
ISMEA
BVMEA
AD8452
CONTROLLER
SET
BATTERY
VOLTAGE
SET
BATTERY
CURRENT
COMPENSATION
MATRIX
C = CHARGE
D = DISCHARGE
CONSTANT VOLTAGE
LOOP FILTER AMPLIFIER
C
D
D
D
C
D
D
D
C
C
AVCC
DC TO DC
POWER CONVERSION
BUCK
BOOST
PWM
LEVEL
SHIFTER
SELECT
IBAT
POLARITY
1.1mA
VREG
ISVP
ISVN
OUTPUT
SWITCHES
LPF
CURRENT
LIMIT AND
DIODE
EMULATION
RCL
1×
PGDA
PGIA
Figure 49. Complete Signal Path of a Battery Test or Formation System Suitable for Li-Ion Batteries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com