Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF04SA Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPWF04SA
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SA Datasheet(HTML) 1 Page - STMicroelectronics

  SPWF04SA Datasheet HTML 1Page - STMicroelectronics SPWF04SA Datasheet HTML 2Page - STMicroelectronics SPWF04SA Datasheet HTML 3Page - STMicroelectronics SPWF04SA Datasheet HTML 4Page - STMicroelectronics SPWF04SA Datasheet HTML 5Page - STMicroelectronics SPWF04SA Datasheet HTML 6Page - STMicroelectronics SPWF04SA Datasheet HTML 7Page - STMicroelectronics SPWF04SA Datasheet HTML 8Page - STMicroelectronics SPWF04SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
November 2017
DocID029757 Rev 5
1/27
This is information on a product in full production.
www.st.com
SPWF04SA, SPWF04SC
Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
Datasheet - production data
Features
2.4 GHz IEEE 802.11 b/g/n transceiver
High performance STM32F439
ARM® Cortex®-M4
256 KB SRAM
2 MB embedded high-speed Flash
memory
1 MB Flash memory for user storage,
extendable via SD/MMC interface or
external SPI Flash
Integrated TCP/IP protocol stack
8 simultaneous TCP or UDP clients and
2 socket servers (supporting up to 8
clients each)
Secured socket and upper layers (i.e.
HTTPS) supporting up to TLS 1.2,
including X.509 Certificates, AES (128,
256), hash (MD5, SHA-1, SHA-256,
SHA-384) and public key algorithms for
key exchange (RSA, DH, ECDH) and
digital signature (RSA, ECDSA).
Web server supporting SSI
Open, WEP, WPA2 PSK, WPA2 Enterprise
WPS for station
System modes: Station, IBSS, and miniAP
(supporting up to 5 Stations)
miniAP easily provisioned (SSID, PWD)
Fast Wi-Fi re-association after reset
Secure Firmware and FileSystem updates
Over The Air (OTA)
TX power
18.3 dBm @ 1 Mbps DSSS
13.7 dBm @ 54 Mbps OFDM
RX sensitivity
-96.0 dBm @ 1 Mbps DSSS
-74.5 dBm @ 54 Mbps OFDM
21 configurable GPIOs available
UART and SPI interface to host system
Advanced low-power modes
Standby with RTC: 43 µA
Sleep = 3 mA
Idle connected (DTIM=1) = 5 mA
RX traffic 105 mA typical
TX traffic 260 mA typical @ 10 dBm
AT command set interface through UART
SPI interface with simple protocol
Application subsystem
Embedded real-time MicroPython
environment for customer applications
and on-board development
MicroPython API library for easy access
to Wi-Fi subsystem capabilities and
device peripherals (i.e. UART, SPI, I²C)
Small form factor: 26.92 x 15.24 x 2.35 mm
Single voltage supply (3.3 V typical)
Antenna options: integrated antenna/U.FL
connector
Industrial temperature range: -40°C to 85°C
FCC/CE/IC certified
RoHS compliant
Applications
Smart appliances
Industrial control and data acquisition
Home automation and security systems
Wireless sensors
Cable replacement
Medical equipment
Machine-to-machine communication


Similar Part No. - SPWF04SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPWF01SA STMICROELECTRONICS-SPWF01SA Datasheet
652Kb / 16P
Serial-to-Wi-Fi b/g/n intelligent modules
11-Nov-2015
SPWF01SC STMICROELECTRONICS-SPWF01SC Datasheet
652Kb / 16P
Serial-to-Wi-Fi b/g/n intelligent modules
11-Nov-2015
More results

Similar Description - SPWF04SA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SN820X MURATA-SN820X Datasheet
155Kb / 2P
Wi-Fi 802.11 b/g/n Network Controller Module
logo
World Produts Inc.
WPANT10021-SA WPI-WPANT10021-SA Datasheet
291Kb / 5P
802.11 a/b/g/n Dual-band Wi-Fi Antenna
logo
STMicroelectronics
SPWF01SA STMICROELECTRONICS-SPWF01SA Datasheet
652Kb / 16P
Serial-to-Wi-Fi b/g/n intelligent modules
11-Nov-2015
logo
ATMEL Corporation
ATSAMW25-MR210PB ATMEL-ATSAMW25-MR210PB Datasheet
1Mb / 25P
IEEE 802.11 b/g/n SmartConnect Wi-Fi Module
logo
Telit loT Solutions
WE310F5 TELIT-WE310F5 Datasheet
1Mb / 2P
Wi-Fi 802.11 b/g/n BLE5
WL865E4-P TELIT-WL865E4-P Datasheet
578Kb / 2P
Wi-Fi 802.11 a/b/g/n BLE 5
GS2101M TELIT-GS2101M Datasheet
261Kb / 2P
Wi-Fi 802.11 b/g/n Embedded
logo
Advantech Co., Ltd.
EKI-6311GN ADVANTECH-EKI-6311GN Datasheet
275Kb / 2P
IEEE 802.11 b/g/n Wi-Fi AP/Client
5-May-2015
logo
rfsolutions.ltd
ESP-12S RFSOLUTIONS-ESP-12S Datasheet
438Kb / 2P
ESP-12S 802.11 b/g/n Wi-Fi Module
V1.1
logo
Advantech Co., Ltd.
EKI-6333AC-2G ADVANTECH-EKI-6333AC-2G Datasheet
590Kb / 2P
IEEE 802.11 a/b/g/n/ac Wi-Fi AP
11-Nov-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com