Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF04SA Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPWF04SA
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SA Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPWF04SA Datasheet HTML 6Page - STMicroelectronics SPWF04SA Datasheet HTML 7Page - STMicroelectronics SPWF04SA Datasheet HTML 8Page - STMicroelectronics SPWF04SA Datasheet HTML 9Page - STMicroelectronics SPWF04SA Datasheet HTML 10Page - STMicroelectronics SPWF04SA Datasheet HTML 11Page - STMicroelectronics SPWF04SA Datasheet HTML 12Page - STMicroelectronics SPWF04SA Datasheet HTML 13Page - STMicroelectronics SPWF04SA Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
RF characteristics
SPWF04SA, SPWF04SC
10/27
DocID029757 Rev 5
5
RF characteristics
Table 4: RF characteristics
Parameter
Test condition
Value
Unit
RX sensitivity (1)
11b, 1 Mbps
-96
dBm
11b, 2 Mbps
-93
dBm
11b, 5.5 Mbps
-91
dBm
11b, 11 Mbps
-87
dBm
11g, 9 Mbps
-89.5
dBm
11g, 18 Mbps
-86
dBm
11g, 36 Mbps
-80
dBm
11g, 54 Mbps
-74.5
dBm
11n, MCS1, 13 Mbps
-86.5
dBm
11n, MCS3, 26 Mbps
-81.5
dBm
11n, MCS5, 52 Mbps
-74
dBm
11n, MCS7, 65 Mbps
-71
dBm
Channel-to-channel
de-sensitivity
CH1 to 14
11g, 54 Mbps, 10%PER
1
dB
Maximum input signal
CH7
11g, 54 Mbps
-20
dBm
Adjacent channel
rejection
11Mbps
38
dBc
9 Mbps
20
dBc
54 Mbps
4
dBc
MCS1
24
dBc
MCS7
3
dBc
Max TX output power
(1)
11b, 1 Mbps
@ 11b spectral mask
18.3
dBm
11b, 11 Mbps
18.3
dBm
11g, 9 Mbps
@ 11g spectral mask
18.3
dBm
11g, 54 Mbps
EVM = -27 dB, 4.5%
13.7
dBm
11n, MCS0
@ 11n spectral mask
18.3
dBm
11n, MCS7
EVM = -27 dB
13.5
dBm
On-board antenna gain
Average
-1.2
dBi
Notes:
(1)Output power and sensitivities are measured with a 50 Ω connection at the antenna port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com