Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF04SA Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPWF04SA
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SA Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPWF04SA Datasheet HTML 15Page - STMicroelectronics SPWF04SA Datasheet HTML 16Page - STMicroelectronics SPWF04SA Datasheet HTML 17Page - STMicroelectronics SPWF04SA Datasheet HTML 18Page - STMicroelectronics SPWF04SA Datasheet HTML 19Page - STMicroelectronics SPWF04SA Datasheet HTML 20Page - STMicroelectronics SPWF04SA Datasheet HTML 21Page - STMicroelectronics SPWF04SA Datasheet HTML 22Page - STMicroelectronics SPWF04SA Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
SPWF04SA, SPWF04SC
Module reflow
DocID029757 Rev 5
19/27
9
Module reflow
The SPWF04SA and SPWF04SC are surface mount modules with a 6-layer PCB. The
recommended final assembly reflow profiles are indicated below.
The soldering phase must be executed with care: in order to prevent an undesired melting
phenomenon, particular attention must be paid to the setup of the peak temperature.
The following are some suggestions for the temperature profile based on the IPC/JEDEC J-
STD-020C, July 2004 recommendations.
Table 8: Soldering values
Profile feature
PB-free assembly
Average ramp-up rate (TSMAX to TP)
3 °C/sec max
Preheat:
Temperature min. (Ts min.)
Temperature max. (Ts max.)
Time (Ts min. to Ts max) (ts)
150 °C
200 °C
60 - 100 sec
Critical zone:
Temperature TL
Time TL
217 °C
60 - 70 sec
Peak temperature (TP)
240 + 0 °C
Time within 5 °C of actual peak temperature
(TP)
10 - 20 sec
Ramp-down rate
6 °C/sec
Time from 25 °C to peak temperature
8 minutes max.
Figure 9: Soldering profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com