Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF04SA Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPWF04SA
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SA Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPWF04SA Datasheet HTML 9Page - STMicroelectronics SPWF04SA Datasheet HTML 10Page - STMicroelectronics SPWF04SA Datasheet HTML 11Page - STMicroelectronics SPWF04SA Datasheet HTML 12Page - STMicroelectronics SPWF04SA Datasheet HTML 13Page - STMicroelectronics SPWF04SA Datasheet HTML 14Page - STMicroelectronics SPWF04SA Datasheet HTML 15Page - STMicroelectronics SPWF04SA Datasheet HTML 16Page - STMicroelectronics SPWF04SA Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SPWF04SA, SPWF04SC
Pinout description
DocID029757 Rev 5
13/27
Signal
name
Pin
Main Function (1)
Alternate function
Electrical
notes
System
function (2)
Peripheral
driver (3)
MicroPython
Interfaces (4)
GPIO[17]
28
General Purpose
input/output
GPIO[18]
30
General Purpose
input/output
Notes:
(1)Main Function is set at the module initialization when "factory" configuration is used. The GPIOs are all set as
input pull down with the exception of GPIO7 that is set as input pull up.
(2)Alternate System Functions are activated when the related pin is connected or when the command/specific
configuration is used.
(3)Alternate Peripheral Drivers are activated when the corresponding peripheral command is used.
(4)Alternate MicroPython Functions are activated when the related class is initialized.
(5)To perform the restore of the factory variable set, the pin GPIO0 must be high during powerup.
(6)This alternate function is running when low power mode variable is enabled. Ext. RC is suggested in order to
stabilize the signal. The value is high to wakeup the module.
(7)To enable the STA or MiniAP switch, the GPIO[7] needs to be low together with the HW reset. GPIO7 is set by
default as input pull up. To enable the STA or MiniAP switch, the GPIO[7] needs to be low at reset. WPS push
button function will be enables if this pin is set to low during active phase.
(8)When this GPIO is high at the startup the module enters the MicroPython mode.
(9)To select the SPI as host interface, this GPIO must be driven high at the reset time.
(10)Selected by using the configuration variable Blink_led.
Note: Use an external pull up/pull down connected to a given GPIO to prevent unwanted
behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com