Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF04SA Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPWF04SA
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SA Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPWF04SA Datasheet HTML 11Page - STMicroelectronics SPWF04SA Datasheet HTML 12Page - STMicroelectronics SPWF04SA Datasheet HTML 13Page - STMicroelectronics SPWF04SA Datasheet HTML 14Page - STMicroelectronics SPWF04SA Datasheet HTML 15Page - STMicroelectronics SPWF04SA Datasheet HTML 16Page - STMicroelectronics SPWF04SA Datasheet HTML 17Page - STMicroelectronics SPWF04SA Datasheet HTML 18Page - STMicroelectronics SPWF04SA Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
SPWF04SA, SPWF04SC
Host interfaces
DocID029757 Rev 5
15/27
Figure 3: SPI connection with host device
Table 7: SPI signals
SPWF04S signal name
Description
RTS/Clk
Clock (up to 22 MHz) from MCU to SPWF04S
CTS/nCS
Active Low indicates the selection of the slave
before a data transmission from the Master
GPIO[9] (nHostInt)
nHostInt. Interrupt sent from the SPWF04S to
the host to indicate the transmission of data
from the slave
RXD/MOSI
Data from Host to SPWF04S
TXD/MISO
Data from SPWF04S to the Host
The host SPI can work up to the speed of 22 MHz. The communication between host and
SPWF04S is handled in half duplex.
Data is transmitted and received with the most significant bit first (SPI mode 0). That
means the clock polarity (CPOL) and the clk phase (CPHA) used to configure SPI are both
set to zero. The mode 0 is commonly used as default for microcontrollers.
Figures from Figure 4: "Single 1 byte transaction" to Figure 6: "RX master transaction"
detail the signaling over the SPI. In particular, Figure 4: "Single 1 byte transaction" shows a
single 1-byte transaction in mode 0. Tlead should be at least half a clock cycle long, and so
its value depends on the host clock frequency. SPI data is latched by the master and slave
using the CLK signal. So, when data needs to be transferred, the MISO and MOSI signals
change between each clock. After each single request sent from master to the slave, the
Master MUST wait for a confirmation message sent from the slave. The message is notified
to the master using the nHost Irq. All the data transferred in both directions are packed
using a well defined packet format described in the user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com