Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF04SA Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPWF04SA
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SA Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPWF04SA Datasheet HTML 17Page - STMicroelectronics SPWF04SA Datasheet HTML 18Page - STMicroelectronics SPWF04SA Datasheet HTML 19Page - STMicroelectronics SPWF04SA Datasheet HTML 20Page - STMicroelectronics SPWF04SA Datasheet HTML 21Page - STMicroelectronics SPWF04SA Datasheet HTML 22Page - STMicroelectronics SPWF04SA Datasheet HTML 23Page - STMicroelectronics SPWF04SA Datasheet HTML 24Page - STMicroelectronics SPWF04SA Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SPWF04SA, SPWF04SC
Regulatory compliance
DocID029757 Rev 5
21/27
Table 10: Antennas used for certification of SPWF04SC
Product name
Titanis 2.4 GHz
Article No.
2010B4844-01 (Standard)
2010B6090-01 (Reverse thread)
Frequency
2.4 - 2.5 GHz
Polarization
Linear
Operating temperature
-40 to +85 degC
Impedance
50 Ω
Weight
7.4 g
Antenna Type
Swivel
10.2.1
FCC and IC
The device SPWF04S has been tested and complies with the FCC part 15 and IC RSS-247
regulations. These limits are designed to provide reasonable protection against harmful
interference in approved installations. This equipment generates, uses, and can radiate
radio frequency energy and, if not installed and used in accordance with the instructions,
may cause harmful interference to radio communications.
However, there is no guarantee that interference will not occur in a particular installation.
This device complies with part 15 of the FCC rules. Operation is subject to the following
two conditions:
The device must not cause harmful interference.
The device must accept any interference received, including interference that may
cause undesired operation.
Modifications or changes to this equipment not expressly approved by the party
responsible for compliance may render void the user's authority to operate this equipment.
The module has been approved by Industry Canada to operate with the antenna type listed
in Table 10: "Antennas used for certification of SPWF04SC" with the maximum possible
gain there indicated. Antenna types not included in Table 10: "Antennas used for
certification of SPWF04SC" and that have a gain greater than the maximum gain indicated
for that type in the Table 11: "Titanis antenna characteristics", are strictly prohibited for use
with this module.
Table 11: Titanis antenna characteristics
Characteristics
Conditions (1)
Min.
Typ.
Max.
Peak Gain
4.0 dBi
4.1 dBi
4.4 dBi
Frequency 2.4
– 2.5 GHz, measured in 3D chamber
(near field)
Efficiency
80%
85%
90%
VSWR
1.1:1
1.2:1
1.3:1
Frequency 2.4
– 2.5 GHz, measured in Network
Analyzer
Notes:
(1)Note all data provided in this table are based on the Antenova reference board.
The safe user distance, for RF exposure, is ≥ 50 mm (in compliance with 447498 D01
General RF Exposure Guidance v06 and RSS-102 Issue 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com