Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671KBCZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9671KBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671KBCZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9671KBCZ Datasheet HTML 28Page - Analog Devices AD9671KBCZ Datasheet HTML 29Page - Analog Devices AD9671KBCZ Datasheet HTML 30Page - Analog Devices AD9671KBCZ Datasheet HTML 31Page - Analog Devices AD9671KBCZ Datasheet HTML 32Page - Analog Devices AD9671KBCZ Datasheet HTML 33Page - Analog Devices AD9671KBCZ Datasheet HTML 34Page - Analog Devices AD9671KBCZ Datasheet HTML 35Page - Analog Devices AD9671KBCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
Data Sheet
AD9671
Rev. A| Page 31 of 60
JESD204B Synchronization Details
The AD9671 is a JESD204B Subclass 0 device and establishes
synchronization of the link through three control signals, TX_
TRIG, SYSREF, and SYNCINB, and typically a common device
clock. SYSREF, TX_TRIG, and SYNCINB are assumed to be
common to all converter devices for alignment purposes at the
system level.
The synchronization process is accomplished over three phases:
code group synchronization (CGS) phase, initial lane alignment
sequence (ILAS) phase, and data transmission phase. Note that
if scrambling is enabled, the bits are not actually scrambled until
the data transmission phase. The CGS and ILAS phases do not
use scrambling.
CGS Phase
In this phase, the JESD204B transmit block transmits /K28.5/
characters in response to a synchronization request from the
receiver (SYNCINB asserted). The receiver (external logic
device) must locate K28.5 characters in its input data stream
using clock and data recovery (CDR) techniques.
After a certain number of consecutive K28.5 characters are
detected on all link lanes, the receiver can optionally initiate a
SYS_REF edge so that the AD9671 transmit data establishes a
local multiframe clock (LMFC) internally. The AD9671 is a
Subclass 0 device that does not mandate SYS_REF for multi-
device synchronization. The use of SYS_REF reduces the latency
variation between devices and reduces the absolute latency of
each device to some extent. However, SYS_REF does not meet
the full requirements of a JESD204B Subclass 1 device, and the
primary synchronization tool on the AD9671 is to use the global
TX_TRIG signal to embed a START_CODE simultaneously into
the data stream for all devices.
After synchronizing all lanes, the receiver or logic device
deasserts the SYNCINB signal (SYNCINB± goes high), and the
transmitter block begins the ILAS phase, if enabled, on the next
internal LMFC boundary.
ILAS Phase
In the ILAS phase, the transmitter sends out a known pattern
and the receiver aligns all lanes of the link and verifies the
parameters of the link.
The ILAS phase begins after SYNCINB± is deasserted (goes
high). The transmit block begins to transmit four multiframes.
Dummy samples are inserted between the required characters
so that full multiframes are transmitted.
The four multiframes have the following properties:
Multiframe 1 begins with an /R/ character (K28.0) and
ends with an /A/ character (K28.3).
Multiframe 2 begins with an /R/ character, followed by a /Q/
(K28.4) character and link configuration parameters over
14 configuration octets (see Table 15), and ends with an
/A/ character. Many of the parameter values are of the
notation of the value − 1.
Multiframe 3 is the same as Multiframe 1.
Multiframe 4 is the same as Multiframe 1.
Data Transmission Phase
By the end of the ILAS phase, data transmission starts. Initiating a
global TX_TRIG signal resets any sampling edges within the
ADC and replaces a sample with the START_CODE (see
Address 0x18B and Address 0x18C in Table 33). Aligning the
data on all lanes based on the START_CODE guarantees the
synchronization across multiple lanes and across multiple devices.
In the data transmission phase, frame alignment is monitored
with control characters. Character replacement is used at the
end of frames. Character replacement in the transmitter occurs
in the following instances:
If scrambling is disabled and the last octet of the frame or
multiframe equals the octet value of the previous frame.
If scrambling is enabled and the last octet of the multiframe is
equal to 0x7C, or the last octet of a frame is equal to 0xFC.
Table 15. 14 Configuration Octets of the ILAS Phase
No.
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
0
DID[7:0]
1
0
0
0
0
BID[3:0]
2
0
0
0
LID[4:0]
3
SCR
0
0
L[4:0]
4
F[7:0]
5
0
0
0
K[4:0]
6
M[7:0]
7
CS[1:0]
0
N[4:0]
8
0
0
0
N’[4:0]
9
0
0
0
S[4:0]
10
HD
0
0
CF[4:0]
11
Reserved, don’t care
12
Reserved, don’t care
13
FCHK[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com